Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2098 Datasheet (PDF) - Toshiba Semiconductor

TLP2098 Datasheet PDF - Toshiba Semiconductor
Part # TLP2098
Download  TLP2098 Download
File Size   360.08 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC

TLP2098 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2098 Datasheet PDF - Toshiba Semiconductor

Part # TLP2098
Download  TLP2098 Click to download

File Size   360.08 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC

TLP2098 Datasheet (HTML) - Toshiba Semiconductor


TLP2098 Product details

Programmable controllers

High-speed digital interfaces

Data transmission between circuits

with different voltage potential



The Toshiba TLP2098 consists of two GaAℓAs infrared light emitting diode optically coupled to a high-gain, high-speed photodetector. The TLP2098 is housed in a 6-pin MFSOP. The TLP2098 has an internal Faraday shield, which provides a guaranteed common-mode transient immunity of ±15 kV/μs. The TLP2098 has an inverting output. A non-inverting output version, the TLP2095, is also available. 



Inverter logic type (totem-pole output)

Guaranteed Performance over temperature: -40 to 100°C

Power Supply Voltage: 3.0 to 20 V

Input Threshold Current: IFHL= ±3 mA (max)

Switching Time (tpLH/tpHL): 250 ns (max)

Common mode transient immunity: ±15 kV/μs

Isolation Voltage: 3750 Vrms




Similar Part No. - TLP2098

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
PHOTO RELAY
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results


Similar Description - TLP2098

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaAℓAs Ired Photo IC
25-Sep-2002
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com