Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2105 Datasheet (PDF) - Toshiba Semiconductor

TLP2105 Datasheet PDF - Toshiba Semiconductor
Part # TLP2105
Download  TLP2105 Download
File Size   304.69 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC

TLP2105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2105 Datasheet PDF - Toshiba Semiconductor

Part # TLP2105
Download  TLP2105 Click to download

File Size   304.69 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC

TLP2105 Datasheet (HTML) - Toshiba Semiconductor


TLP2105 Product details

General
The Toshiba TLP2105 consists of high-output an infrared LED coupled with a high-gain, high-speed photo detector. It has two circuits built into a single SO8 package, which can reduce the mounting area.
The detector has a totem-pole output stage with current sourcing and sinking capabilities. TLP2105 has an internal Faraday shield that provides a guaranteed common-mode transient immunity of ±10 kV/µs. The TLP2105 has a buffer output. An inverter output version, the TLP2108, is also available.

Features
(1) Buffer logic type (totem pole output)
(2) Supply voltage: 4.5 to 20 V
(3) Threshold input current: 1.6 mA (max)
(4) Propagation delay time (tpLH/tpHL): 250 ns (max)
(5) Common-mode transient immunity: ±10 kV/µs (min)
(6) Operating temperature range: -40 to 100 
(7) Isolation voltage: 2500 Vrms (min)
(8) Safety standards
   UL-recognized: UL 1577, File No.E67349
   cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN 60747-5-5 (Note 1)

Applications
• Programmable Logic Controllers (PLCs)
• Battery Management System (BMS)
• Industrial Inverters




Similar Part No. - TLP2105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results


Similar Description - TLP2105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com