Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R2 Datasheet (PDF) - Analog Devices

ADL5356ACPZ-R2 Datasheet PDF - Analog Devices
Part # ADL5356ACPZ-R2
Download  ADL5356ACPZ-R2 Download
File Size   493.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun

ADL5356ACPZ-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5356ACPZ-R2 Datasheet PDF - Analog Devices

Part # ADL5356ACPZ-R2
Download  ADL5356ACPZ-R2 Click to download

File Size   493.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun

ADL5356ACPZ-R2 Datasheet (HTML) - Analog Devices


ADL5356ACPZ-R2 Product details

GENERAL DESCRIPTION
The ADL5356 uses a highly linear, doubly balanced, passive mixer core along with integrated RF and local oscillator (LO) balancing circuitry to allow single-ended operation. The ADL5356 incorporates the RF baluns, allowing for optimal performance over a 1200 MHz to 2500 MHz RF input frequency range. Performance is optimized for RF frequencies from 1700 MHz to 2500 MHz using a low-side LO and RF frequencies from 1200 MHz to 1700 MHz using a high-side LO. The balanced passive mixer arrangement provides good LO-to-RF leakage, typically better than −35 dBm, and excellent intermodulation performance.

FEATURES
   RF frequency range of 1200 MHz to 2500 MHz
   IF frequency range of 30 MHz to 450 MHz
   Power conversion gain: 8.2 dB
   SSB noise figure of 9.9 dB
   SSB noise figure with 5 dBm blocker of 21 dB
   Input IP3 of 31 dBm
   Input P1dB of 11 dBm
   Typical LO drive of 0 dBm
   Single-ended, 50 Ω RF and LO input ports
   High isolation SPDT LO input switch
   Single-supply operation: 3.3 V to 5 V
   Exposed paddle, 6 mm × 6 mm, 36-lead LFCSP
  
APPLICATIONS
   Cellular base station receivers
   Transmit observation receivers
   Radio link downconverters




Similar Part No. - ADL5356ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5356 AD-ADL5356 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5356 AD-ADL5356 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
ADL5356 AD-ADL5356 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5356 AD-ADL5356 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results


Similar Description - ADL5356ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com