Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5356ACPZ-R2
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5356ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5356
Rev. 0 | Page 10 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
LO POWER (dBm)
–6
–4
–2
0
2
4
6
8
10
11
10
9
8
7
6
5
TA = +25°C
TA = –40°C
TA = +85°C
Figure 21. Power Conversion Gain vs. LO Power
LO POWER (dBm)
–6
–4
–2
0
2
4
6
8
10
40
38
36
34
32
30
28
26
24
22
20
TA = +85°C
TA = +25°C
TA = –40°C
Figure 22. Input IP3 vs. LO Power
45
65
63
61
59
57
55
53
51
49
47
LO POWER (dBm)
–6
–4
–2
0
2
4
6
8
10
TA = +85°C
TA = +25°C
TA = –40°C
Figure 23. Input IP2 vs. LO Power
LO POWER (dBm)
–6
–4
–2
0
2
4
6
8
10
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
TA = +85°C
TA = +25°C
TA = –40°C
Figure 24. Input P1dB vs. LO Power
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2100 2200
–85
–80
–75
–70
–65
–60
–55
TA = +85°C
TA = +25°C
TA = –40°C
Figure 25. IF/2 Spurious vs. RF Frequency, RF Power = −10 dBm
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2100 2200
–75
–74
–73
–72
–71
–70
–69
–68
–67
–66
–65
TA = +85°C
TA = +25°C
TA = –40°C
Figure 26. IF/3 Spurious vs. RF Frequency, RF Power = −10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com