Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5356ACPZ-R2
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5356ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5356
Rev. 0 | Page 11 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
100
7.6
7.8
8.0
8.2
8.4
8.6
8.8
80
60
40
20
0
CONVERSION GAIN (dB)
MEAN = 8.26
SD = 0.31%
Figure 27. Conversion Gain Distribution
100
25
20
30
35
40
45
80
60
40
20
0
INPUT IP3 LO (dBm)
MEAN = 31.67
SD = 0.35%
Figure 28. Input IP3 Distribution
100
10
11
12
13
80
60
40
20
0
INPUT P1dB (dBm)
MEAN = 11.37
SD = 0.49%
Figure 29. Input P1dB Distribution
500
10
8
6
4
2
0
30
80
130
180
230
IF FREQUENCY (MHz)
280
330
380
430
400
300
200
100
0
Figure 30. IF Output Impedance (R Parallel C Equivalent)
30
25
20
15
10
5
0
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
RF FREQUENCY (MHz)
Figure 31. RF Port Return Loss, Fixed IF
LO FREQUENCY (GHz)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
25
0
5
10
15
20
SELECTED
UNSELECTED
Figure 32. LO Return Loss, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com