Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5356ACPZ-R2
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5356ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5356
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
RF FREQUENCY (MHz)
1700 1750
1800 1850 1900 1950 2000 2050 2100 2150 2200
300
320
340
360
380
400
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. Supply Current vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
5
11
10
9
8
7
6
TA = –40°C
TA = +85°C
TA = +25°C
Figure 4. Power Conversion Gain vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
15
20
25
30
35
40
45
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5 .Input IP3 vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750
1800 1850 1900 1950 2000 2050 2100 2150 2200
49
51
53
55
57
59
61
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. Input IP2 vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. Input P1dB vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
5
14
13
12
11
10
9
8
7
6
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. SSB Noise Figure vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com