Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5356ACPZ-R2
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADL5356ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5356
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 =
R5 = 1 kΩ, ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20 dB over a limited bandwidth
15
dB
Input Impedance
50
Ω
RF Frequency Range
1200
2500
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
230||0.75
Ω||pF
IF Frequency Range
30
450
MHz
DC Bias Voltage1
Externally generated
3.3
5.0
5.5
V
LO INTERFACE
LO Power
−6
0
+10
dBm
Return Loss
13
dB
Input Impedance
50
Ω
LO Frequency Range
1230
2470
MHz
POWER-DOWN (PWDN) INTERFACE2
PWDN Threshold
1.0
V
Logic 0 Level
0.4
V
Logic 1 Level
1.4
V
PWDN Response Time
Device enabled, IF output to 90% of its final level
160
ns
Device disabled, supply current < 5 mA
230
ns
PWDN Input Bias Current
Device enabled
0
μA
Device disabled
70
μA
1 Apply supply voltage from external circuit through choke inductors.
2 PWDN function is intended for use with VS ≤ 3.6 V only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com