Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01N Datasheet (PDF) - Holtek Semiconductor Inc

HT46R01N Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R01N
Download  HT46R01N Download
File Size   425.43 Kbytes
Page   71 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package 8-Bit OTP MCU

HT46R01N Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R01N Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R01N
Download  HT46R01N Click to download

File Size   425.43 Kbytes
Page   71 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Small Package 8-Bit OTP MCU

HT46R01N Datasheet (HTML) - Holtek Semiconductor Inc


HT46R01N Product details

General Description

The Small Package MCUs are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness. The fully inte

grated system oscillator HIRC, which requires no external components and which has three frequency selections, opens up a huge range of new application possibilities for these devices, some of which may include industrial control, consumer products, household appliances subsystem controllers, etc.



Features

CPU Features

Operating voltage:

   fSYS= 4MHz: 2.2V~5.5V

   fSYS= 8MHz: 3.0V~5.5V

   fSYS= 12MHz: 4.5V~5.5V

Up to 0.33s instruction cycle with 12MHz system clock at VDD= 5V

Sleep mode and wake-up functions to reduce power consumption

Oscillator types:

  External high freuency Crystal -- HXT

  External RC -- ERC

  Internal RC -- HIRC

  External low frequency crystal -- LXT

Three operational modes: Normal, Slow, Sleep

Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components

OTP Program Memory: 1K15 ~ 2K15

RAM Data Memory: 968

Watchdog Timer function




Similar Part No. - HT46R01N

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01N HOLTEK-HT46R01N Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT46R01N-1 HOLTEK-HT46R01N-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
More results


Similar Description - HT46R01N

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
Small Package A/D Type 8-Bit OTP MCU
August 13, 2008
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
Small Package I/O Type 8-Bit OTP MCU
August 4, 2008
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
2.4GHz Transceiver 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
Small Form 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com