Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQ9203 Datasheet (PDF) - TriQuint Semiconductor

TQ9203 Datasheet PDF - TriQuint Semiconductor
Part # TQ9203
Download  TQ9203 Download
File Size   263.4 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description Low-Current Cellular Band Downconverter IC

TQ9203 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ9203 Datasheet PDF - TriQuint Semiconductor

Part # TQ9203
Download  TQ9203 Click to download

File Size   263.4 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description Low-Current Cellular Band Downconverter IC

TQ9203 Datasheet (HTML) - TriQuint Semiconductor


TQ9203 Product details

Product Description
The TQ9203 RFIC Downconverter is a multifunction RF front end designed for the high dynamic range cellular communications standards. The design of the TQ9203 provides a 2.5dB system noise figure for excellent sensitivity, and a good signal range with –10dBm input IP3. Its low current consumption, single +5V operation and small, plastic surface-mount package are ideally suited for cost-competitive, space limited and portable applications. In addition, two selectable RF inputs simplify implementation of “antenna diversity”in applications such as CDPD. The TQ9203 is specified over a RF frequency range of 800 to 1000MHz, and therefore may be used for any of the cellular and cordless telephony standards.

Features
■ +5-V single supply
■ Internal buffer amplifier on mixer LO port
■ On-chip matching to 50W
■ Two selectable RF inputs
■ Low-cost SO-14 plastic package
■ 21dB system gain
■ -10dBm typical input intercept point
■ 2.5dB typ. system noise figure
■ 10.5mA typ. operating current

Applications
■ Cellular Communications
■ Spread-Spectrum Receivers
■ Cordless Phones




Similar Part No. - TQ9203

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Similar Description - TQ9203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
Cellular-band Single-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
Cellular-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com