Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQ9203 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ9203
Description  Low-Current Cellular Band Downconverter IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9203 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ9203 Datasheet HTML 1Page - TriQuint Semiconductor TQ9203 Datasheet HTML 2Page - TriQuint Semiconductor TQ9203 Datasheet HTML 3Page - TriQuint Semiconductor TQ9203 Datasheet HTML 4Page - TriQuint Semiconductor TQ9203 Datasheet HTML 5Page - TriQuint Semiconductor TQ9203 Datasheet HTML 6Page - TriQuint Semiconductor TQ9203 Datasheet HTML 7Page - TriQuint Semiconductor TQ9203 Datasheet HTML 8Page - TriQuint Semiconductor TQ9203 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
WIRELESS COMMUNICATIONS DIVISION
For additional information and latest specifications, see our website:
www.triquint.com
1
Electrical Characteristics
TQ9203
DATA SHEET
Low-Current Cellular
Band Downconverter IC
Features
§+5-V single supply
§Internal buffer amplifier on mixer
LO port
§On-chip matching to 50
§Two selectable RF inputs
§Low-cost SO-14 plastic package
§21dB system gain
§-10dBm typical input intercept point
§2.5dB typ. system noise figure
§10.5mA typ. operating current
Applications
§Cellular Communications
§Spread-Spectrum Receivers
§Cordless Phones
Product Description
The TQ9203 RFIC Downconverter is a multifunction RF front end designed for the
high dynamic range cellular communications standards. The design of the TQ9203
provides a 2.5dB system noise figure for excellent sensitivity, and a good signal
range with –10dBm input IP3. Its low current consumption, single +5V operation and
small, plastic surface-mount package are ideally suited for cost-competitive, space-
limited and portable applications. In addition, two selectable RF inputs simplify
implementation of “antenna diversity”in applications such as CDPD. The TQ9203 is
specified over a RF frequency range of 800 to 1000MHz, and therefore may be used
for any of the cellular and cordless telephony standards.
Electrical Specifications1
Parameter
Min
Typ
Max
Units
Frequency
800
1000
MHz
Gain
21.0
dB
Noise Figure
2.5
dB
Input 3rd Order Intercept
-10.0
dBm
DC supply Current
10.5
mA
Note
1. Test Conditions: Vdd=5V, Ta=25C, filter IL=3.0dB, RF=881MHz, LO=966MHz, IF=85MHz,
LO input=-6dBm
2. Specified with external noise-matching circuit elements, with image-stripping BPF IL=3dB
3. Frequency separation of the two signals is 500KHz; BPF IL=3dB
Mixer
LO In
LNA
IN0
Mixer
IF out
Mixer
RF In
LNA
out
VDD
GND
LO Tune
Select
LNA
IN1


Similar Part No. - TQ9203

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results

Similar Description - TQ9203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
Cellular-band Single-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
Cellular-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com