Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB520 Datasheet (PDF) - Cystech Electonics Corp.

SB520 Datasheet PDF - Cystech Electonics Corp.
Part # SB520
Download  SB520 Download
File Size   343.85 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A

SB520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB520 Datasheet PDF - Cystech Electonics Corp.

Part # SB520
Download  SB520 Click to download

File Size   343.85 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A

SB520 Datasheet (HTML) - Cystech Electonics Corp.


SB520 Product details

Reverse Voltage 20V to 60V Forward Current 5A

Features
• Guard ring for over voltage protection.
• Plastic package has UL flammability classification 94V-0
• Low power loss, high efficiency
• For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications




Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB520 ZOWIE-SB520 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
More results


Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SB120 CYSTEKEC-SB120 Datasheet
219Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
MBR220F AITSEMI-MBR220F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR240F AITSEMI-MBR240F Datasheet
476Kb / 6P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR320F AITSEMI-MBR320F Datasheet
483Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com