Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet (PDF) - Analog Devices

ADRF6655ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADRF6655ACPZ-R7
Download  ADRF6655ACPZ-R7 Download
File Size   1288.94 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO

ADRF6655ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF6655ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADRF6655ACPZ-R7
Download  ADRF6655ACPZ-R7 Click to download

File Size   1288.94 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO

ADRF6655ACPZ-R7 Datasheet (HTML) - Analog Devices


ADRF6655ACPZ-R7 Product details

GENERAL DESCRIPTION

The ADRF6655 is a high dynamic range active mixer with integrated PLL and VCO. The synthesizer uses a programmable integer-N/fractional-N PLL to generate a local oscillator input to the mixer. The PLL reference input is nominally 20 MHz. The reference input can be divided by or multiplied by and then applied to the PLL phase detector. The PLL can support input reference frequencies from 10 MHz to 160 MHz. The phase

detector output controls a charge pump whose output is integrated in an off-chip loop filter. The loop filter output is then applied to an integrated VCO. The VCO output at 2 × fLO is then applied to a local oscillator (LO) divider as well as to a programmable PLL divider.



FEATURES

Broadband active mixer with integrated fractional-N PLL

RF input frequency range: 100 MHz to 2500 MHz

Internal LO frequency range: 1050 MHz to 2300 MHz

Flexible IF output interface

Input P1dB: 12 dBm

Input IP3: 29 dBm

Noise figure (SSB): 12 dB

Voltage conversion gain: 6 dB

Matched 200 Ω output impedance

SPI serial interface for PLL programming

40-lead 6 mm × 6 mm LFCSP




Similar Part No. - ADRF6655ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
Nov-2019
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
Wideband, Dual Rx Mixers with Integrated IF Amplifiers
11/15-Rev. 0 to Rev. A
More results


Similar Description - ADRF6655ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com