Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6655ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADRF6655
Rev. 0 | Page 5 of 44
TIMING CHARACTERISTICS
Table 2. Serial Interface Timing, VCC = 5 V ± 5%
Parameter
Limit
Unit
Test Conditions/Comments
t1
20
ns minimum
LE setup time
t2
10
ns minimum
DATA to CLK setup time
t3
10
ns minimum
DATA to CLK hold time
t4
25
ns minimum
CLK high duration
t5
25
ns minimum
CLK low duration
t6
10
ns minimum
CLK to LE setup time
t7
20
ns minimum
LE pulse width
CLK
DATA
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t2
t3
t7
t6
t1
t4
t5
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com