Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ADRF6655
Rev. 0 | Page 14 of 44
COMPLIMENTARY CUMULATIVE DISTRIBUTION FUNCTION (CCDF): DOWNCONVERSION, LO = 1100 MHz,
RF = 900 MHz
VS = 5 V, TA = 25°C, PFD = 20 MHz, REFIN = 20 MHz, IP3SET = open, as measured using typical downconversion circuit schematic with
high-side LO and 200 MHz IF output, unless otherwise noted.
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–10 –8 –6 –4 –2
0
2
4
6
8
10 12 14 16 18 20
GAIN (dB), INPUT P1dB (dBm)
GAIN
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
INPUT P1dB
Figure 33. Gain and Input P1dB CCDF
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
INPUT IP3 (dBm)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 34. Rx Input IP3 CCDF
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
LO-TO-RF LEAKAGE (dBm)
+25°C
–40°C
+85°C
Figure 35. Rx LO-to-RF Leakage CCDF
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
1214161820
NOISE FIGURE (dB)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 36. Noise Figure CCDF
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
VPTAT (V)
Figure 37. VPTAT MUXOUT Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com