Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ADRF6655
Rev. 0 | Page 13 of 44
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
AVERAGE
AVERAGE + 3 × ST DEV
10kHz OFFSET
100kHz OFFSET
1MHz OFFSET
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
Figure 28. −40°C Spot Phase Noise vs. LO Frequency
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
AVERAGE
AVERAGE + 3 × ST DEV
10kHz OFFSET
100kHz OFFSET
1MHz OFFSET
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
Figure 29. −10°C Spot Phase Noise vs. LO Frequency
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
AVERAGE
AVERAGE + 3 × ST DEV
10kHz OFFSET
100kHz OFFSET
1MHz OFFSET
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
Figure 30. 25°C Spot Phase Noise vs. LO Frequency
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
AVERAGE
AVERAGE + 3 × ST DEV
10kHz OFFSET
100kHz OFFSET
1MHz OFFSET
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
Figure 31. 70°C Spot Phase Noise vs. LO Frequency
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
AVERAGE
AVERAGE + 3 × ST DEV
10kHz OFFSET
100kHz OFFSET
1MHz OFFSET
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
Figure 32. 85°C Spot Phase Noise vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com