Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ADRF6655
Rev. 0 | Page 35 of 44
RHODE & SCHWARTZ SMT03
SIGNAL GENERATOR
AGILENT E3631A
POWER SUPPLY
AGILENT E4437 SIGNAL GENERATOR
AGILENT PSG-A SIGNAL GENERATOR
RHODE & SCHWARTZ FSEA30
MINI-CIRCUITS ZHL-42W
AMPLIFIER
(SUPPLIED WITH +15V DC FOR
OPERATION)
AGILENT 11636A
POWER DIVIDER
(USED AS
COMBINER)
REF, LO
RF
RF
3dB
RF SWITCH
MARTIX
2dB
ADRF6655
EVALUATION BOARD
10dB
6dB
6dB
IF
IF
AGILENT
34980A MULTIFUNCTION
SWITCH
(WITH 34950 AND
2× 34921 MODULES)
10-PIN
CONNECTION
(+5V VPOS,
DC MEASURE)
9-PIN D-SUB CONNECTION
(VCO AND PLL PROGRAMMING)
RF
IEEE
IEEE
IEEE
IEEE
IEEE
IEEE
AGILENT 34401A DMM
(DC I MODE, USED
FOR SUPPLY CURRENT
MEASUREMENT)
IEEE
RF
LO, REF
3dB
3dB
Figure 78. General Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com