Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ADRF6655
Rev. 0 | Page 23 of 44
ADRF6655 CONTROL SOFTWARE
The ADRF6655 can be controlled from most PCs that include
a parallel port output interface. A USB adapter board is also
available from Analog Devices, Inc., to allow for control from
PCs that do not have an accessible parallel port. The USB adapter
evaluation documentation and ordering information can be found
at www.analog.com by searching for EVAL-ADF4XXXZ-USB. The
basic user interfaces are depicted in Figure 66 and Figure 67.
After launching the software, the user is prompted to select a device
from the ADRF product family. Upon selecting the ADRF6655,
the main control interface should appear as shown in Figure 66.
The main control interface allows the user to configure the device
for various modes of operation. The internal synthesizer is
controlled by clicking on any of the numeric values listed in the
RF Section
. Attempting to program the REF Input Frequency,
the PFD Frequency, the VCO Frequency [2×LO], or other
values in the RF section launches the Synthesizer Settings—
ADRF6655 Broadband Mixer
control module depicted in
Figure 67. From the Synthesizer Settings control interface, the
user can enter the desired Local Oscillator Frequency (MHz),
Channel Step Resolution (kHz)
, and External Reference
Frequency (MHz)
. The user can also enable the LO output buffer
and divider options from this menu. After setting the desired
values, it is important to click Upload All Registers and
Windows
for the new settings to take effect.
Figure 66. ADRF6655 Software Control Interface
Figure 67. ADRF6655 Synthesizer Settings User Interface
PLL LOOP FILTER DESIGN
Designing the external loop filter, which connects between the
charge pump output and VCO tuning control pin, is easy with
the help of ADIsimPLL. ADIsimPLL is a free software application
available from Analog Devices for designing PLL loop filters.
Several passive filter topologies are support in ADIsimPLL
along with the necessary component placements on the
evaluation board.
When designing a PLL loop filter, it is important to consider
settling time and phase noise requirements. Figure 68 provides
measured phase noise performance for a typical fast and slow
loop filter design. Note that the wider loop filter offers better
close-in phase noise but degraded phase noise at greater offset
frequencies. The narrow 1.5 kHz loop filter design provides the
best phase noise at 100 kHz and 1 MHz carrier offsets but with
the penalty of decreased frequency settling time and poorer
close-in performance.
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
ADRF6655 1.5kHz LOOP FILTER
67kHz LOOP FILTER
LO = 1100Hz
LO = 2275MHz
Figure 68. Phase Noise with Different Loop Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com