Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADRF6655
Rev. 0 | Page 30 of 44
CP
REF
PDF
PHASE
OFFSET
POLARITY
CP
CNTL
SRC
DB23
DB22
DB21 DB20 DB19
DB18
DB17
DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RMS2 RMS1
RMS0
RS1
RS0
CPM
CPBD
CPB4 CPB3 CPB2 CPB1 CPB0 CPP1 CPP0 CPS
CPC1 CPC0
PE1
PE0
PAB1 PAB0 C3(1)
C2(0)
C1(0)
CPC1 CPC0
00
01
10
11
CPS
0
1
CPP1 CPP0
00
01
10
11
CPB4 CPB3 CPB2 CPB1 CPB0
0
000
0
0
000
1
0
010
0
0
101
0
...
...
...
...
...
1
111
1
CPBD
0
1
CPM
0
1
RS1
RS0
00
01
10
11
RMS2 RMS1
RMS0
00
0
00
1
01
0
01
1
10
0
10
1
11
0
11
1
10 × 22.5°/ICP, MULT
...
31 × 22.5°/ICP, MULT
PFD PHASE OFFSET MULTIPLIER
0 × 22.5°/ICP, MULT
1 × 22.5°/ICP, MULT
4 × 22.5°/ICP, MULT (RECOMMENDED)
BOTH ON
PUMP DOWN
PUMP UP
TRISTATE
OUPUT MUX
SOURCE
INPUT REF
PATH
SOURCE
PFD PHASE OFFSET
MULTIPLIER VALUE
CP
CURRENT
MULTIPLIER
CHARGE
PUMP
CONTROL
PFD EDGE
SENSITIVITY
CONTROL BITS
PFD ANTI-
BACKLASH
DELAY
PE0
0
1
REFERENCE PATH EDGE
SENSITIVITY
FALLING EDGE
RISING EDGE
PAB1 PAB0
00
01
10
11
PFD ANTI-BACKLASH
DELAY
0ns
0.5ns
0.75ns
0.9ns
CHARGE PUMP
CONTROL
0.5 × REFIN (BUFFERED)
CHARGE PUMP CONTROL SOURCE
CONTROL BASED ON STATE OF DB7/DB8 (CP CONTROL)
CONTROL FROM PFD
OUTPUT MUX SELECT
LOCK DETECT
VPTAT
REFIN (BUFFERED)
PFD PHASE OFFSET POLARITY
NEGATIVE
POSITIVE
CHARGE PUMP CURRENT
REFERENCE SOURCE
INTERNAL
EXTERNAL
0.25 × REFIN
CHARGE PUMP
CURRENT MULTIPLIER
1
2
3
4
INPUT REFERENCE
PATH SOURCE
2 × REFIN
REFIN
0.5 × REFIN
2 × REFIN (BUFFERED)
TRISTATE
RESERVED (DO NOT USE)
RESERVED (DO NOT USE)
PE1
0
1
DIVIDER PATH EDGE
SENSITIVITY
FALLING EDGE (RECOMMENDED)
RISING EDGE
...
...
...
...
...
...
...
...
...
...
...
...
Figure 74. Charge Pump, PFD, and Reference Path Control Register (R4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com