Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ADRF6655
Rev. 0 | Page 12 of 44
PLL CHARACTERISTIC
Measured using typical downconversion circuit schematic with high-side LO and 140 MHz IF output, loop filter = 1.5 kHz, unless
otherwise noted.
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (kHz)
LO = 2275MHz
LO = 1100MHz
+25°C
–10°C
–40°C
+70°C
+85°C
Figure 22. Typical Fractional-N Phase Noise Plot
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
+25°C
–10°C
–40°C
+70°C
+85°C
Figure 23.10 kHz to 40 MHz Integrated Phase Noise vs. LO Frequency
025
TIME (ms)
–2500
2500
–2000
2000
–1500
1500
–1000
1000
–500
500
2.290G
1
1: 10ms 2.289999883GHz
10
Figure 24. Lock Time for 10 MHz Step with 1.5 kHz Loop Filter
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1050
1250
1450
1650
1850
2050
2250
LO FREQUENCY (MHz)
1 × PFD OFFSET
2 × PFD OFFSET
4 × PFD OFFSET
+25°C
–40°C
+85°C
Figure 25. LO Reference/PFD Spurs vs. LO Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
HIGH-SIDE LO
LOW-SIDE LO
Figure 26. Tuning Voltage vs. LO Frequency
1.3
1.4
1.5
1.6
1.7
1.8
1.9
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
LO = 1100MHz, IP3SET = 3.2V
LO = 2300MHz, IP3SET = 3.2V
LO =2300MHz, IP3SET = OPEN
Figure 27. VPTAT MUXOUT Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com