Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ADRF6655
Rev. 0 | Page 15 of 44
COMPLIMENTARY CUMULATIVE DISTRIBUTION FUNCTION (CCDF): DOWNCONVERSION, LO = 1700 MHz,
RF = 1900 MHz
VS = 5 V, TA = 25°C, PFD = 20 MHz, REFIN = 20 MHz, IP3SET = open, as measured using typical downconversion circuit schematic with
high-side LO and 200 MHz IF output, unless otherwise noted.
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–5 –4 –3 –2 –1 0 1
GAIN, INPUT P1dB (dB, dBm)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
GAIN
INPUT P1dB
Figure 38. Gain and Input P1dB
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
INPUT IP3 (dBm)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Figure 39. Rx Input IP3
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–100
–90
–80
–70
–60
–50
–40
–30
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
LO-TO-RF LEAKAGE (dBm)
Figure 40. Rx LO-to-RF Leakage
012
3456789 10 11 12 13 14 15 16 17 18 19 20
NOISE FIGURE (dB)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 41. Rx Noise Figure CCDF
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VPTAT (V)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Figure 42. VPTAT MUXOUT Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com