Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADRF6655
Rev. 0 | Page 11 of 44
UPCONVERSION
Measured using typical upconversion circuit schematic with high-side LO and 340 MHz RF input, unless otherwise noted.
OUTPUT FREQUENCY (MHz)
–5
–4
–3
–2
–1
0
1
2
3
4
5
710
810
910
1010
1110
1210
1310
1410
1510
1610
+25°C
–40°C
+85°C
Figure 16. Conversion Gain vs. Output Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 17. fLO − 2 × fRF Spurious Response vs.
LO Frequency (Relative to IF Output Power)
–80
–70
–60
–50
–40
–30
–20
–10
0
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 18. LO-to-IF Output Leakage vs. Frequency
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
710
810
910
1010
1110
1210
1310
1410
1510
1610
OUTPUT FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 19. Output IP3 vs. Output Frequency
710
810
910
1010
1110
1210
1310
1410
1510
1610
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OUTPUT FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 20. Output P1dB vs. Output Frequency
–170
–160
–150
–140
–130
–120
–110
–100
710
810
910
1010
1110
1210
1310
1410
1510
1610
OUTPUT FREQUENCY (MHz)
Figure 21. Output Noise Spectral Density vs. Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com