Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADRF6655
Rev. 0 | Page 21 of 44
IP3SET LINEARIZATION FEATURE
The IP3SET pin (Pin 29) controls the overall current consumption
of the mixer core depending on the applied voltage. If left open,
the voltage on the IP3SET pin is ~2.3 V, and a typical input IP3 of
~25 dBm or higher can be expected across the operating frequency
range. As the IP3SET voltage is increased, the overall supply
current increases and the input IP3 can be improved from ~3 dB to
6 dB. For upconversion applications, an IP3SET voltage of ~3.2 V to
3.3 V results in very high output IP3 performance in excess of
30 dBm. Using an external resistor divider network connected
between VCC and GND, the IP3SET voltage can be derived.
Alternatively, the on-board 3.3 V LDO output (Pin 2) can be
used to derive the applied IP3SET voltage. However, it is
advisable to use good bypassing and a series inductor or ferrite
choke to ensure good high frequency isolation between Pin 1 and
Pin 29. If an auxiliary control DAC is available, the IP3SET pin can
be driven dynamically in applications where power levels are
changing over time, and it is desirable to conserve power at
lower input signal levels. Figure 62 and Figure 63 illustrate the
output linearity dependency on the IP3SET voltage. Note that
gain is independent of the IP3SET voltage.
20
21
22
23
24
25
26
27
28
29
30
31
32
33
2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7
IP3SET (V)
OUTPUT FREQUENCY = 1210MHz
OUTPUT FREQUENCY = 1500MHz
Figure 62. Output IP3 vs. IP3SET Voltage for Output Frequency
OUTPUT FREQUENCY (MHz)
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
20
2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7
OUTPUT FREQUENCY = 1210 MHz
OUTPUT FREQUENCY = 1500 MHz
OUTPUT P1dB
GAIN
Figure 63. Output P1dB and Gain vs. IP3SET Voltage
CDAC LINEARIZATION FEATURE
In addition to the IP3SET broadband linearization solution, the
ADRF6655 also includes a special linearizer designed to provide
enhanced IP3 performance at higher input frequencies. At low
input frequencies, the CDAC setting offers very little influence
on input IP3, and a CDAC setting of 15 is usually recommended.
At high input frequencies, the CDAC setting can boost input
IP3 as much as 5 dB with essentially no increase in supplied
power. At a given input frequency, the ADRF6655 offers an
optimum CDAC setting to provide high input IP3 performance.
The recommended optimum CDAC setting vs. RF input frequency
is shown in Figure 64.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1840
1940
2040
2140
2240
2340
2440
RF FREQUENCY (MHz)
BEST CDAC AT 25°C
INTERCEPT
BEST CDAC AT 85°C
Figure 64. Optimum CDAC Setting for Downconversion vs. RF Input Frequency
EXTERNAL LO INTERFACE
The ADRF6655 provides the option to use an external signal
source for the LO into the mixer. It is important to note that the
applied LO signal is divided by 2 or divided by 3 prior to the
actual mixer core within the ADRF6655. The divider is determined
by the register settings in LO path and mixer control register,
(see the Register 5—LO Path and Mixer Control section). The
LO input pins (Pin 37 and Pin 38) present a broadband balanced
50 Ω input interface similar to the input pins (Pin 25 and Pin 26).
The LOP and LON input pins should be dc blocked and driven
from a balanced 50 Ω source. When not in use, the LOP and
LON pins may be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com