Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADRF6655
Rev. 0 | Page 24 of 44
REGISTER STRUCTURE
DIVIDE
MODE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9 DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
00
00
00
000
00
00
DM
ID6
ID5
ID4
ID3
ID2
ID1
ID0
C3(0)
C2(0)
C1(0)
INTEGER DIVIDE RATIO
CONTROL BITS
RESERVED
INTEGER DIVIDE CONTROL REGISTER (R0)
MODULUS DIVIDE CONTROL REGISTER (R1)
MODULUS DIVIDE VALUE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
MD10
MD9
MD8
MD7
MD6
MD5
MD4
MD3
MD2
MD1 MD0
C3(0)
C2(0)
C1(1)
CONTROL BITS
RESERVED
FRACTIONAL DIVIDE CONTROL REGISTER (R2)
FRACTIONAL DIVIDE VALUE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
C3(0)
C2(1)
C1(0)
CONTROL BITS
RESERVED
Σ-Δ MODULATOR DITHER CONTROL REGISTER (R3)
DB23
DB22
DB21
DB20
DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
DITH1 DITH0
DEN
C3(0)
C2(1)
C1(1)
CONTROL BITS
DITHER
ENABLE
DV16 DV15 DV14 DV13 DV12 DV11 DV10
DV9
DV8
DV7
DV6
DV5
DV4
DV3
DV2
DV1
DV0
DITHER
MAGNITUDE
DITHER RESTART VALUE
DB23
DB22
DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
XVCO
0
0
C3(1)
C2(1)
C1(1)
CONTROL BITS
00
00
00
00
00
00
000
00
EXTERNAL
VCO
ENABLE
RESERVED
CHARGE PUMP, PFD, AND REFERENCE PATH CONTROL REGISTER (R4)
CP
REF
PDF
PHASE
OFFSET
POLARITY
CP
CNTL
SRC
DB23
DB22
DB21 DB20 DB19
DB18
DB17
DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RMS2 RMS1
RMS0 RS1
RS0
CPM
CPBD
CPB4 CPB3 CPB2 CPB1 CPB0 CPP1 CPP0 CPS
CPC1 CPC0
PE1
PE0
PAB1 PAB0 C3(1)
C2(0)
C1(0)
OUPUT MUX
SOURCE
INPUT REF
PATH
SOURCE
PFD PHASE OFFSET
MULTIPLIER VALUE
CP
CURRENT
MULTIPLIER
CHARGE
PUMP
CONTROL
PFD EDGE
SENSITIVITY
CONTROL BITS
PFD ANTI-
BACKLASH
DELAY
LO PATH AND MIXER CONTROL REGISTER (R5)
RESERVED
MIXER
BIAS
ENABLE
PLL
ENABLE
LO
DIV 2/3
LO
IN/OUT
CNTRL
LO OUTPUT
DRIVER
ENABLE
DB23DB22DB21DB20DB19DB18DB17DB16DB15DB14 DB13 DB12
DB7
MBE
DB6
DB5
DB4
DB3
DB11
CDAC3
DB10
CDAC2
DB9
CDAC1
DB8
CDAC0
PLEN
LDIV
LXL
LDRV
CDAC DISTORTION
COMPENSATION
SETTING
CONTROL BITS
00
0
0
0
000
00
0
0
VCO CONTROL AND PLL ENABLES REGISTER (R6)
DB2
DB1
DB0
C3(1) C2(0) C1(1)
CONTROL BITS
DB2
DB1
DB0
C3(1) C2(1) C1(0)
CHARGE
PUMP
ENABLE
LDO
3.3V
ENABLE
VCO
ENABLE
VCO
SWITCH
CONTROL
VCO
BS
SRC
VCO
LDO
ENABLE
VCO AMPLITUDE SETTING
RESERVED
VCO BAND SELECT
DB22 DB21
DB20
DB19
DB18
DB17
DB16
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5 DB4
DB3
DB23
CPEN
L3EN
VCOEN
VCOSW
VC5
VC4
VC3
VC2
VC1
VC0
VBSRC VBS5 VBS4 VBS3 VBS2 VBS1 VBS0
LVEN
000
EXTERNAL VCO CONTROL REGISTER (R7)
RES
Figure 69. Register Maps for ADRF6655 (The three control bits determine which register is programmed.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com