Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ADRF6655
Rev. 0 | Page 16 of 44
COMPLIMENTARY CUMULATIVE DISTRIBUTION FUNCTION (CCDF): UPCONVERSION DISTRIBUTION
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–10 –8 –6 –4 –2
0
2
4
6
8
10 12 14 16 18 20
GAIN
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
GAIN (dB), OUTPUT P1dB (dBm)
OUTPUT P1dB
Figure 43. Gain and Output P1dB CCDF, LO = 1220 MHz, RF = 340 MHz
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
55
60
OUTPUT IP3 (dBm)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 44. Output IP3 CCDF, LO = 1220 MHz, RF = 340 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
LO-TO-IF OUTPUT LEAKAGE (dBm)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 45. LO-to-IF Output Leakage CCDF, LO = 1220 MHz, RF = 340 MHz
0
10
20
30
40
50
60
70
80
90
100
–10 –8 –6–4–2
0
20
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
GAIN (dB), OUTPUT P1dB (dBm)
GAIN
OUTPUT P1dB
2
4
6
8
10
12
14
16
18
Figure 46. Gain and Output P1dB CCDF, LO = 1840 MHz, RF = 340 MHz
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
5060
5
1525
3545
55
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
OUTPUT IP3 (dBm)
Figure 47. Output IP3 CCDF, LO = 1840 MHz, RF = 340 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
LO-TO-IF PORT LEAKAGE (dBm)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 48. LO-to-IF Output Leakage CCDF, LO = 1840 MHz, RF = 340 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com