Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6655ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADRF6655
Rev. 0 | Page 8 of 44
Pin No.
Mnemonic
Description
5
RSET
Charge Pump Current. The nominal charge pump current can be set to either 250 μA, 500 μA, 750 μA,
or 1 mA using DB10 and DB11 of Register 4 and by setting DB18 to 0 (internal reference current).
In this mode, no external RSET is required. If DB18 is set to 1, the four nominal charge pump currents
(INOMINAL) can be externally tweaked according to
[]
8
.
37
250
4
.
217
,
−
⎥⎦
⎤
⎢⎣
⎡
×
=
Ω
BASE
CP
I
RSET
where ICP, BASE is the base charge pump current in μA.
For further details on the charge pump current,see the Register 4—Charge Pump, PFD, and Reference
Path Control section.
6
REFIN
Reference Input. Nominal input level is 1 V p-p. Input range is 10 MHz to 160 MHz. This pin must be
ac-coupled.
8
MUXOUT
Multiplexer Output. This output allows either a digital lock detect, a voltage proportional to temperature,
or a buffered, frequency-scaled reference signal to be accessed externally. The output is selected by
programming the appropriate bits in Register 4.
9
DECL2
Decoupling Node for 2.5 V LDO. Pin should be decoupled with 100 pF, 0.1 μF, and 10 μF capacitors
located close to the pin.
10
VCC2
Power Supply for Internal 2.5 V LDO. The power supply voltage range is 4.75 V to 5.25 V. Supply pin
should be decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
12
DATA
Serial Data Input. The serial data input is loaded MSB first with the three LSBs being the control bits.
13
CLK
Serial Clock Input. This serial clock input is used to clock in the serial data to the registers. The data
is latched into the 24-bit shift register on the CLK rising edge. Maximum clock frequency is 20 MHz.
14
LE
Load Enable. When the LE input pin goes high, the data stored in the shift registers is loaded into one
of the six registers, the relevant latch being selected by the first three control bits of the 24-bit word.
16, 32, 33
NC
No Connection.
17, 34
VCCLO
Power Supply for LO Path. The power supply voltage range is 4.75 V to 5.25 V. Supply pin should be
decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
18,19
OUTN, OUTP
Mixer IF Outputs. These pins should be pulled to VCC with RF chokes.
22
VCCV2I
Power Supply for Voltage to Current Input Stage. The power supply voltage range is 4.75 V to 5.25 V.
Supply pin should be decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
25, 26
INN, INP
Mixer RF Inputs. Differential RF Inputs. Internally matched to 50 Ω. This pin must be ac-coupled.
27
VCCMIX
Power Supply for Mixer. The power supply voltage range is 4.75 V to 5.25 V. Supply pin should be
decoupled with 100 pF and 0.1 μF capacitors located close to the pin.
29
IP3SET
Connect Resistor to VCC to Adjust IP3.
37, 38
LON, LOP
Local Oscillator Input/Output. The internally generated 1 × fLO is available on these pins. When internal
LO generation is disabled, an external 2 × fLO or 3 × fLO (depending on divider selection) can be applied
to these pins. This pin must be ac-coupled.
39
VTUNE
VCO Control Voltage Input. This pin is driven by the output of the loop filter. Nominal input voltage
range on this pin is 1 V to 2.8 V.
40
DECL3
Decoupling Node for VCO LDO. Connect a 100 pF capacitor and a 10 μF capacitor between this pin
and ground.
EPAD (EP)
The exposed paddle should be soldered to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com