Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6655ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6655ACPZ-R7
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6655ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6655ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADRF6655
Rev. 0 | Page 3 of 44
SPECIFICATIONS
VCC = 5 V; ambient temperature (TA) = 25°C; REFIN = 20 MHz, phase frequency detector (PFD) frequency = 20 MHz, IF output loaded
into 4-to-1 transformer matched to a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT FREQUENCY RANGE
100
2500
MHz
IF OUTPUT FREQUENCY RANGE
Can be matched externally for improved return loss at higher
frequencies (see the Output Matching and Biasing section)
LF
2200
MHz
INTERNAL LO FREQUENCY RANGE
Divide-by-3 mode1
1050
1530
MHz
Divide-by-2 mode1
1530
2300
MHz
EXTERNAL LO FREQUENCY RANGE
Divide-by-2 mode2
500
2300
MHz
MIXER
Input Return Loss
INP, INN; relative to 50 Ω, from 350 MHz to 2200 MHz using
TC1-1-13M+ balun3
12
dB
Output Return Loss
OUTP, OUTN; relative to 50 Ω out to 200 MHz using TC4-1W
output transformer option3
12
dB
IF Output Impedance
OUTP, OUTN
200
Ω
Output Common Mode
OUTP, OUTN; external pull-up balun or inductors required
VPOS
V
Voltage Conversion Gain
IF output loaded into 200 Ω differential load
6
dB
Output Swing
2
V p-p
LO-to-IF Output Leakage
Can be improved using external filtering
−40
dBm
DYNAMIC PERFORMANCE
IP3Set = 3.2 V
Upconversion
340 MHz RF input, 1200 MHz IF output using 1540 MHz
LO (see Figure 56 for output matching network)
Gain Flatness
Over ±50 MHz bandwidth for 1200 MHz output center
frequency
0.25
dB p-p
Gain Temperature Coefficient
Average values from −40°C to +85°C
−10
mdB/
°C
Output P1dB
11
dBm
Second-Order Output Intercept (IIP2)
−5 dBm each tone
60
dBm
Third-Order Output Intercept (IIP3)
−5 dBm each tone, IP3SET = 3.2 V
31
dBm
−5 dBm each tone, IP3SET = open
28
dBm
Output Noise Spectral Density
IP3SET = 3.2 V, RF input terminated with 50 Ω
−160
dBm/Hz
IP3SET = 3.2 V, RF input = −5 dBm, fLO = 1315 MHz with
fRF = 380 MHz applied, measured noise at fIF = 915 MHz
−155
dBm/Hz
Downconversion
1880 MHz RF input, 140 MHz IF output using 1740 MHz LO
Gain Flatness
Over ±50 MHz bandwidth for 1880 MHz input center
frequency
0.25
dB p-p
Gain Temperature Coefficient
Average values from −40°C to +85°C
−10
mdB/
°C
Input P1dB
IP3SET = 3.2 V
14
dBm
IP3SET = open
12
dBm
Second-Order Input Intercept (IIP2)
−5 dBm each tone
50
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each tone, IP3SET = 3.2 V
27
dBm
−5 dBm each tone, IP3SET = open
26
dBm
SSB Noise Figure (NF)
IP3SET = 3.2 V
14
dB
IP3SET = open
12
dB
SSB Noise Figure Under Blocking
Conditions
−5 dBm RF input blocker applied at 995 MHz, fLO = 1200 MHz,
noise measured at 5 MHz offset from IF output blocker
IP3SET = 3.2 V
20.75
dB
IP3SET = open
20.25
dB
IF/2 Spurious
−5 dBm RF input power
−65
dBc
LO OUTPUT
LOP, LON
Output Level
1 × LO into a 50 Ω load, LO buffer enabled
−7
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com