Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet (PDF) - Pixart Imaging Inc.

PAS6167 Datasheet PDF - Pixart Imaging Inc.
Part # PAS6167
Download  PAS6167 Download
File Size   439.41 Kbytes
Page   19 Pages
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.
Description CMOS QCIF DIGITAL IMAGE SENSOR

PAS6167 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAS6167 Datasheet PDF - Pixart Imaging Inc.

Part # PAS6167
Download  PAS6167 Click to download

File Size   439.41 Kbytes
Page   19 Pages
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.
Description CMOS QCIF DIGITAL IMAGE SENSOR

PAS6167 Datasheet (HTML) - Pixart Imaging Inc.


PAS6167 Product details

General Description
The PAS6167 is a highly integrated CMOS active-pixel image sensor that has output of 176 x 220 pixels. It embedded the new FinePixel™ sensor technology to perform the excellent image quality. PAS6167 outputs YUV/YCrCb 4:2:2 or RGB 565/555/444 data through the parallel/serial data bus. It is available in CSP-20pin package.

Features
■ Active Pixels: 188 x 236 pixels
■ Resolution: 176 x 220 pixels, 1/13” Lens
■ Bayer-RGB color filter array
■ Output format (parallel/serial):
    ● YUV/YCrCb 4:2:2 (QCIF+, and other sizes …)
    ● RGB 565/555/444 (QCIF+, and other sizes …)
■ On-chip 11-bit pipelined A/D converter
■ On-chip 2-stage background compensation DAC
■ On-chip manual analog gain control
■ Continuous variable frame time & exposure time
■ I2CTM Interface
■ Support 1.8V~3.3V I/O power
■ low power-down dissipation
■ Automatic Background Compensation
■ DSP function:
    ● AEC & AGC
    ● AWB
    ● Gamma
    ● Color matrix
    ● Sharpness
    ● De-noise
    ● Color saturation
    ● Defect compensation
    ● Lens shading compensation
■ WOI & Sub-sampling
■ PLL
■ Module size : 5.0 * 5.0 * 3.0 mm




Similar Part No. - PAS6167

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
Coin Type Polyacene Capacitors
logo
Pixart Imaging Inc.
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
CMOS QVGA DIGITAL IMAGE SENSOR
More results


Similar Description - PAS6167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
CIF/QCIF CMOS image sensor with digital YUV output
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com