Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS6167 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PAS6167 Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
PAS6167 CMOS QCIF+ DIGITAL IMAGE SENSOR
General Description
The PAS6167 is a highly integrated CMOS active-pixel image sensor that has output of 176 x 220 pixels. It
embedded the new FinePixel™ sensor technology to perform the excellent image quality. PAS6167 outputs
YUV/YCrCb 4:2:2 or RGB 565/555/444 data through the parallel/serial data bus. It is available in CSP-20pin
package.
The PAS6167 can be programmed to set the exposure time for different luminance condition via I2C
TM serial
control bus. By programming the internal register set, it performs on-chip frame rate adjustment, offset correction
DAC and programmable gain control.
Key Specification
Active Pixel
188(H) x 236(V)
Resolution
176 (H) x 220 (V)
Analog
2.5V ~ 2.8V
I/O
1.8V ~ 3.3V
Power
Core
1.8V
Pixel Size
4.5
µm x 4.5µm, 1/13” Lens
Lens Chief Ray Angle
< 22degree
Max. Frame rate
30 fps, QCIF+ YUV mode
Max. System clock rate
52 MHz
Max. SPI clock rate
26 MHz, QCIF+ YUV mode
Sensitivity
3.9V/Lux-sec
Color filter
RGB Bayer Pattern
Exposure Time
~ Frame time to Line time
Scan Mode
Progressive
S/N Ratio
39dB
Dynamic range
60dB
Package
CSP-20pin (PAS6167LT)
Features
Active Pixels: 188 x 236 pixels
Resolution: 176 x 220 pixels, 1/13” Lens
Bayer-RGB color filter array
Output format (parallel/serial):
YUV/YCrCb 4:2:2 (QCIF+, and other
sizes …)
RGB 565/555/444 (QCIF+, and other
sizes …)
On-chip 11-bit pipelined A/D converter
On-chip 2-stage background compensation DAC
On-chip manual analog gain control
Continuous variable frame time & exposure time
I2C
TM Interface
Support 1.8V~3.3V I/O power
low power-down dissipation
Automatic Background Compensation
DSP function:
AEC & AGC
AWB
Gamma
Color matrix
Sharpness
De-noise
Color saturation
Defect compensation
Lens shading compensation
WOI & Sub-sampling
PLL
Module size : 5.0 * 5.0 * 3.0 mm


Similar Part No. - PAS6167

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
Coin Type Polyacene Capacitors
logo
Pixart Imaging Inc.
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
CMOS QVGA DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
CIF/QCIF CMOS image sensor with digital YUV output
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com