Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS6167 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
4. Registers
Register Table
Bank0 (set address_0xEF=0)
Address (Hex)
Register name
Default
Description
4
[4:0]
AE_stage_indoor[4:0]
0x0b
Min. AE stage clamp in door
6
[0]
in_door
0x00
AE In door enable
F
[7:0]
AWB_Window_X[7:0]
0xa0
AWB window width
11
[7:0]
AWB_Window_Y[7:0]
0xc0
AWB window height
13
[7:0]
lpf_min[7:0]
0xf6
Lpf minimum value for AE
[2:0]
lpf_min[10:8]
0x00
Lpf minimum value for AE
14
[7:4]
ny_min[3:0]
0x09
Ny minimum value for AE
15
[7:0]
AE_Window_X[7:0]
0xa0
AE window width
17
[7:0]
AE_Window_Y[7:0]
0xc0
AE window height
35
[0]
AC_freq
0x01
AC frequency (1: 60Hz, 0: 50Hz)
56
[7:0]
AG_stage_UB
0x3f
AG_stage upper bound at max. AE_stage
58
[7:0]
ISP_Y0
0x04
ISP Gamma Y0, (ISP_UpdateFlag=1, update )
59
[7:0]
ISP_Y1
0x08
ISP Gamma Y1, (ISP_UpdateFlag=1, update )
5A
[7:0]
ISP_Y2
0x10
ISP Gamma Y2, (ISP_UpdateFlag=1, update )
5B
[7:0]
ISP_Y3
0x20
ISP Gamma Y3, (ISP_UpdateFlag=1, update )
5C
[7:0]
ISP_Y4
0x32
ISP Gamma Y4, (ISP_UpdateFlag=1, update )
5D
[7:0]
ISP_Y5
0x44
ISP Gamma Y5, (ISP_UpdateFlag=1, update )
5E
[7:0]
ISP_Y6
0x71
ISP Gamma Y6, (ISP_UpdateFlag=1, update )
5F
[7:0]
ISP_Y7
0x90
ISP Gamma Y7, (ISP_UpdateFlag=1, update )
60
[7:0]
ISP_Y8
0xae
ISP Gamma Y8, (ISP_UpdateFlag=1, update )
61
[7:0]
ISP_Y9
0xca
ISP Gamma Y9, (ISP_UpdateFlag=1, update )
62
[0]
ISP_Gamma_EnH
0x01
ISP gamma correction enable,
(ISP_UpdateFlag=1, update )
[0]
freq_60
0x01
Set de-flicker frequency
0/1: 50/60Hz
66
[4]
AE_EnH
0x00
AE enable
67
[7:0]
SysClk_freq[7:0]
0x97
R_SysClk_freq_Div8 = 0
: Input_frequency/2048
R_SysClk_freq_Div8 = 1
: Input_frequency/256
[6:0]
SysClk_freq[13:8]
0x31
R_SysClk_freq_Div8 = 0
: Input_frequency/2048
R_SysClk_freq_Div8 = 1
: Input_frequency/256
68
[7]
SysClk_freq_Div8
0x01
R_SysClk_freq_Div8
6B
[4:0]
AE_minStage[4:0]
0x05
Minimum AE stage
6C
[4:0]
AE_maxStage[4:0]
0x1a
Maximum AE stage (AE_maxStage<=28)
6F
[7:0]
Ytar8bit
0x64
0~255, Target luminance of AE
[0]
AWB_EnH
0x00
Auto-white balance enable
72
[4]
AWB_Gain_rst
0x00
AWB gain gain reset
73
[7:0]
Ylow
0x70
Low bond of “light-pixel” in AWB
74
[7:0]
Yhigh
0xf0
High bond of “light-pixel” in AWB
8F
[7:0]
ImgEffect_c0
0x40
Image Effect parameter
0,
(ISP_UpdateFlag=1, update )
90
[7:0]
ImgEffect_c1
0x40
Image Effect parameter
1,
(ISP_UpdateFlag=1, update )
91
[7:0]
ImgEffect_c2
0x10
Image Effect parameter
2,
(ISP_UpdateFlag=1, update )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com