Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAS6167 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
Pin No.
Name
Type
Description
A1
NC
--
--
A2
SYSCLK
IN
External clock input
A3
NC
--
--
A4
NC
--
--
OUT
SPI clock output (SPI master mode)
A5
SCK
IN
SPI clock input (SPI slave mode)
B1
VDDA
PWR
Analog power, 2.5V ~ 2.8V
B2
VSSA
GND
Analog ground
B3
VSSD
GND
Digital ground
B4
SDO
OUT
SPI data output
OVERFLOW
OUT
FIFO overflow (SPI master mode)
B5
READY
OUT
Data ready (SPI slave mode)
C1
CSB
IN
Power down enable, active high
C2
NC
--
--
OUT
SPI frame sync (SPI master mode)
C3
SSn
IN
SPI select (SPI slave mode)
C4
NC
--
--
NC
--
--
C5
OVERFLOW
OUT
FIFO overflow (SPI slave mode)
D1
SCL
IN
I2C clock input
D2
SDA
I/O
I2C data
CTS
IN
Pause output data (SPI master mode)
D3
NC
--
--
D4
VDDD
PWR
Digital core power, 1.8V
D5
VDDMD
PWR
I/O power, 1.8V ~ 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com