Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS6167 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
1. Pin Assignment
Parallel mode
Pin No.
Name
Type
Description
A1
PXD7
OUT
Digital pixel data [7], MSB
A2
SYSCLK
IN
External clock input
A3
PXD5
OUT
Digital pixel data [5]
A4
PXD4
OUT
Digital pixel data [4]
A5
PXCLK
OUT
Pixel clock output
B1
VDDA
PWR
Analog power, 2.5V ~ 2.8V
B2
VSSA
GND
Analog ground
B3
VSSD
GND
Digital ground
B4
PXD0
OUT
Digital pixel data [0], LSB
B5
PXD1
OUT
Digital pixel data [1]
C1
CSB
IN
Power down enable, active high
C2
PXD6
OUT
Digital pixel data [6]
C3
HSYNC
OUT
Horizontal synchronization signal output
C4
PXD3
OUT
Digital pixel data [3]
C5
PXD2
OUT
Digital pixel data [2]
D1
SCL
IN
I2C clock input
D2
SDA
I/O
I2C data
D3
VSYNC
OUT
Vertical synchronization signal output
D4
VDDD
PWR
Digital core power, 1.8V
D5
VDDMD
PWR
I/O power, 1.8V ~ 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com