Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAS6167 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
Bank2 (set address_0xEF=2)
Address (Hex)
Register name
Default
Description
0
[0]
ISP2_Update
0x00
ISP2_UpdateFlag
4
[7:0]
R_ImgEffect_R_Gain[7:0]
0x00
ImageEffect R Gain (ISP2_UpdateFlag=1, update )
5
[7:0]
R_ImgEffect_G_Gain[7:0]
0x00
ImageEffect G Gain (ISP2_UpdateFlag=1, update )
6
[7:0]
R_ImgEffect_B_Gain[7:0]
0x00
ImageEffect B Gain (ISP2_UpdateFlag=1, update )
7
[7:0]
R_ImgEffect_R_offset[7:0]
0x00
ImageEffect R Offset (ISP2_UpdateFlag=1, update )
8
[7:0]
R_ImgEffect_G_offset[7:0]
0x00
ImageEffect G Offset (ISP2_UpdateFlag=1,
update )
9
[7:0]
R_ImgEffect_B_offset[7:0]
0x00
ImageEffect B Offset (ISP2_UpdateFlag=1, update )
A
[0]
R_ISP_ImgEffect_1_En
0x00
Enable ImageEffect Gain, Offset
(ISP2_UpdateFlag=1, update )
17
[0]
R_Curve_EnH
0x01
ISP tone curve Enable
18
[7:0]
R_Curve_Y0[7:0]
0x1a
ISP tone curve Y0
19
[7:0]
R_Curve_Y1[7:0]
0x34
ISP tone curve
Y1
1A
[7:0]
R_Curve_Y2[7:0]
0x49
ISP tone curve
Y2
1B
[7:0]
R_Curve_Y3[7:0]
0x5b
ISP tone curve
Y3
1C
[7:0]
R_Curve_Y4[7:0]
0x6d
ISP tone curve
Y4
1D
[7:0]
R_Curve_Y5[7:0]
0x7d
ISP tone curve
Y5
1E
[7:0]
R_Curve_Y6[7:0]
0x9a
ISP tone curve
Y6
1F
[7:0]
R_Curve_Y7[7:0]
0xb6
ISP tone curve
Y7
20
[7:0]
R_Curve_Y8[7:0]
0xcf
ISP tone curve
Y8
21
[7:0]
R_Curve_Y9[7:0]
0xe8
ISP tone curve
Y9
22
[3]
R_Defect_EnH
0x00
Defect Enable
28
[5:0]
R_Defect_NL_th[5:0]
0x0a
Defect test threshold @ Normal Light
29
[5:0]
R_Defect_LL_th[5:0]
0x05
Defect test threshold @ Low Light
[3:0]
R_FlatRatio[3:0]
0x08
ISP flat ratio
[6]
R_Flat_En
0x00
ISP flat enable
2A
[7]
R_ISP_Edge_En0
0x01
ISP edge enhancement enable
2C
[7:0]
R_Edge_UB[7:0]
0x32
ISP edge enhancement value upper bound
2D
[7:0]
R_Edge_LB[7:0]
0x14
ISP edge enhancement value lower bound
2F
[4:0]
R_AE_stage_LL[4:0]
0x1b
AE_stage > R_AE_stage_LL =>Low Light
30
[4:0]
R_AE_stage_NL[4:0]
0x14
AE_stage < R_AE_stage_NL =>Normal Light
[4:0]
R_AE_Middle_Stage[4:0]
0x0e
Apply Middle Gain when AE_stage >=
R_AE_Middle_Stage
38
[7]
R_AE_Middle_Gain_En
0x01
AE Middle Gain Enable
39
[4:0]
R_AE_Middle_Gain[4:0]
0x09
AE Middle Gain value
3D
[0]
R_CCMb_En
0x01
CCM Enable
3E
[2:0]
R_CCMb0_0[10:8]
0x80
CCM matrix coefficient
3F
[7:0]
R_CCMb0_0[7:0]
0xb5
CCM matrix coefficient
40
[2:0]
R_CCMb0_1[10:8]
0x07
CCM matrix coefficient
41
[7:0]
R_CCMb0_1[7:0]
0xcb
CCM matrix coefficient
42
[2:0]
R_CCMb0_2[10:8]
0x00
CCM matrix coefficient
43
[7:0]
R_CCMb0_2[7:0]
0x00
CCM matrix coefficient
44
[2:0]
R_CCMb1_0[10:8]
0x07
CCM matrix coefficient
45
[7:0]
R_CCMb1_0[7:0]
0xc8
CCM matrix coefficient
46
[2:0]
R_CCMb1_1[10:8]
0x00
CCM matrix coefficient
47
[7:0]
R_CCMb1_1[7:0]
0xea
CCM matrix coefficient
48
[2:0]
R_CCMb1_2[10:8]
0x07
CCM matrix coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com