Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS6167 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
92
[7:0]
ImgEffect_c3
0x80
Image Effect parameter
3,
(ISP_UpdateFlag=1, update )
[3:0]
ImgEffectMode
0x00
Image Effect mode
1: monochrome; 2: negative
3: Sepia; 4: Emboss; 5: Sketch
6: Black Board; 7: White Board
8: Solarize; 9: Color range R
10: Color range G;
11: Color range B; 12: Contrast
(ISP_UpdateFlag=1, update )
93
[5:4]
ImgEffectFilter
0x00
Image Effect emboss filter type,
(ISP_UpdateFlag=1, update )
94
[0]
ISP_ImgEffect_En
0x00
(ISP_UpdateFlag=1, update )
[4]
Shading_EnH
0x00
Lens shading enable
97
[5]
Shading_On
0x00
Shading on/off status (read only)
99
[6:0]
BYcoef_D
0x1f
Lens Shading Y coefficient of color B (down)
9A
[6:0]
BXcoef_R
0x1f
Lens Shading X coefficient of color B (right)
9B
[6:0]
BYcoef_U
0x1f
Lens Shading Y coefficient of color B (up)
9C
[6:0]
BXcoef_L
0x1f
Lens Shading X coefficient of color B (left)
9D
[6:0]
GbYcoef_D
0x1f
Lens Shading Y coefficient of color Gb (down)
9E
[6:0]
GbXcoef_R
0x1f
Lens Shading X coefficient of color Gb (right)
9F
[6:0]
GbYcoef_U
0x1f
Lens Shading Y coefficient of color Gb (up)
A0
[6:0]
GbXcoef_L
0x1f
Lens Shading X coefficient of color Gb (left)
A1
[6:0]
GrYcoef_D
0x1f
Lens Shading Y coefficient of color Gr (down)
A2
[6:0]
GrXcoef_R
0x1f
Lens Shading X coefficient of color Gr (right)
A3
[6:0]
GrYcoef_U
0x1f
Lens Shading Y coefficient of color Gr (up)
A4
[6:0]
GrXcoef_L
0x1f
Lens Shading X coefficient of color Gr (left)
A5
[6:0]
RYcoef_D
0x1f
Lens Shading Y coefficient of color R (down)
A6
[6:0]
RXcoef_R
0x1f
Lens Shading X coefficient of color R (right)
A7
[6:0]
RYcoef_U
0x1f
Lens Shading Y coefficient of color R (up)
A8
[6:0]
RXcoef_L
0x1f
Lens Shading X coefficient of color R (left)
A9
[7:0]
brightestX[7:0]
0x40
Lens Shading brightest X
AA
[1:0]
brightestX[9:8]
0x01
Lens Shading brightest X
AB
[7:0]
brightestY[7:0]
0xf0
Lens Shading brightest Y
AC
[1:0]
brightestY[9:8]
0x00
Lens Shading brightest Y
AD
[2:0]
LensShfBit[2:0]
0x00
Lens shading coefficient right shift bit
[6:4]
DigFilter_mode_NL[2:0]
0x00
0 : DigFilter off @ NL,
1 : DigFilter level-1 @ NL,
2 : DigFilter level-2 @ NL,
E2
[2:0]
DigFilter_mode_LL[2:0]
0x00
0 : DigFilter off @ LL,
1 : DigFilter level-1 @ LL,
2 : DigFilter level-2 @ LL,
E3
[4:0]
DigFilterAE_stageLL[4:0]
0x00
Digital Filter @Low Light
E4
[4:0]
DigFilterAE_stageNL[4:0]
0x00
Digital Filter @Normal Light
[0]
ISP_Update
ISP_UpdateFlag
ED
[4]
ISP_FrameSkip
(ISP_UpdateFlag=1, update )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com