Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAS6167 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 17Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
49
[7:0]
R_CCMb1_2[7:0]
0xcf
CCM matrix coefficient
4A
[2:0]
R_CCMb2_0[10:8]
0x07
CCM matrix coefficient
4B
[7:0]
R_CCMb2_0[7:0]
0xf7
CCM matrix coefficient
4C
[2:0]
R_CCMb2_1[10:8]
0x07
CCM matrix coefficient
4D
[7:0]
R_CCMb2_1[7:0]
0x7e
CCM matrix coefficient
4E
[2:0]
R_CCMb2_2[10:8]
0x01
CCM matrix coefficient
4F
[7:0]
R_CCMb2_2[7:0]
0x0b
CCM matrix coefficient
58
[4:0]
R_EdgeRatio_NL[4:0]
0x05
Edge ratio @Normal Light
[0]
R_UV_Swap
0x00
U V Swap
[1]
R_YC_Swap
0x01
Y C Swap
[3:2]
R_RGB565_mode[1:0]
0x00
RGB565_mode
[4]
R_RGB565_En
0x00
RGB565
Enable (ISP2_UpdateFlag=1, update )
[5]
R_RGB555_En
0x00
RGB555
Enable (ISP2_UpdateFlag=1, update )
C0
[6]
R_RGB444_En
0x00
RGB444
Enable (ISP2_UpdateFlag=1, update )
C3
[5:0]
R_SPI_SysClk_Div[5:0]
0x01
SPI SCK freq div
[0]
R_SPI_En
0x00
SPI Master Mode Enable
[1]
R_SPI_SSn_VsyncTim
0x00
SPI SSn vsync timing (Master mode)
[2]
R_SPI_Slave_En
0x00
SPI Slave Mode Enable
C4
[3]
R_SPI_CTS_En
0x00
SPI CTS Enable (Master mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com