Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6167 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAS6167
Description  CMOS QCIF DIGITAL IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6167 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAS6167 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 17Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 18Page - Pixart Imaging Inc. PAS6167 Datasheet HTML 19Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PixArt Imaging Inc.
PAS6167
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
16
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2009/08/12
Serial mode
AGND
VDDA
VDDD
VDDMD
DGND
AGND
DGND
DGND
VDDA
SDO
SCL
CSB
OVERFLOW / READY (MASTER / SLAVE)
CTS / NC (MASTER / SLAVE)
NC / OVERFLOW (MASTER / SLAVE)
VDDD
VDDMD
C1
0.1uF
PAS6167LT
U1
D5
B1
D1
C1
B2
C4
C5
B5
B4
VDDMD
VDDA
SCL
CSB
VSSA
NC
NC / OVERFLOW
OVERFLOW / READY
SDO
C2
0.1uF
C3
0.1uF
Note:
Sensor pwdn pin, "CSB", high active
(connect to DGND if un-used)
VDDA, analog power, 2.5V ~ 2.8V
VDDMD, I/O power, 1.8V ~ 3.3V
All capacitors must be close to the sensor as possible
DGND, digital ground
AGND, analog ground
VDDD, digital core power, 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com