Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS3245 Datasheet (PDF) - Vaishali Semiconductor

VS3245 Datasheet PDF - Vaishali Semiconductor
Part # VS3245
Download  VS3245 Download
File Size   55.61 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch 8-Bit Bus Switches

VS3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS3245 Datasheet PDF - Vaishali Semiconductor

Part # VS3245
Download  VS3245 Click to download

File Size   55.61 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch 8-Bit Bus Switches

VS3245 Datasheet (HTML) - Vaishali Semiconductor


VS3245 Product details

General Description
The VS3245 and VS32245 are high-speed TTL–compatible 8-bit bus switches. The VS3245 contains eight high-speed bus switches, with a common active low enable (/OE). The low ON resistance of the VS3245 allows inputs to be connected to outputs, without adding propagation delay and without generating additional signal noise. The VS32245 has 25Ω resistors in series with the switches to reduce ground-bounce noise and signal reflection.
   
Features
• Enhanced N-FET with no DC path to VCC
    or GND in normal operating signal voltage
    range.
• Low impedance bidirectional data flow:
    5Ω (VS3245) and 25Ω (VS32245)
• Pin-compatible with QS3245 and CBT3245
    switches.
• Near-zero propagation delay
• Zero added ground bounce or signal noise
• TTL-compatible control signals
• Undershoot clamp diodes on all switch and
    control pins
• ESD rating >2000V (Human Body Model)
    or >200V (Machine Model)
• Latch-up current >100mA
• Available in 150-mil wide QSOP package
   
Applications
• 5V to 3.3V translation in mixed-supply environment
• Hot-swap interface
• Logic replacement
• Bus isolation
   




Similar Part No. - VS3245

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3244Q VAISH-VS3244Q Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3244QX VAISH-VS3244QX Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
More results


Similar Description - VS3245

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
High Speed CMOS VSwitch 16-Bit Bus Switches
VS3345 VAISH-VS3345 Datasheet
53Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS74FCT2374T IDT-IDTQS74FCT2374T Datasheet
51Kb / 6P
HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com