Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS3345 Datasheet (PDF) - Vaishali Semiconductor

VS3345 Datasheet PDF - Vaishali Semiconductor
Part # VS3345
Download  VS3345 Download
File Size   53.08 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables

VS3345 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS3345 Datasheet PDF - Vaishali Semiconductor

Part # VS3345
Download  VS3345 Click to download

File Size   53.08 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables

VS3345 Datasheet (HTML) - Vaishali Semiconductor


VS3345 Product details

General Description
The VS3345 and VS32345 are high-speed TTL–compatible 8-bit bus switches. The VS3345 contains eight high-speed bus switches, with common active low (/OE) and active high (OE) enables. The low ON resistance of the VS3345 allows inputs to be connected to outputs, without adding propagation delay and without generating additional signal noise. The VS32345 has 25Ω resistors in series with the switches to reduce ground-bounce noise and signal reflection.
   
Features
• Enhanced N-FET with no DC path to VCC
    or GND in normal operating signal voltage
    range.
• Low impedance bidirectional data flow:
    5Ω (VS3345) and 25Ω (VS32345)
• Near-zero propagation delay
• Zero added ground bounce or signal noise
• TTL-compatible control signals
• Undershoot clamp diodes on all switch and
    control pins
• ESD rating >2000V (Human Body Model)
    or >200V (Machine Model)
• Latch-up current >100mA
• Available in 150-mil wide QSOP package
   
Applications
• 5V to 3.3V translation in mixed-supply environment
• Hot-swap interface
• Logic replacement
• Bus isolation
   




Similar Part No. - VS3345

ManufacturerPart #DatasheetDescription
logo
Rohm
VS33VUA1VWM ROHM-VS33VUA1VWM Datasheet
1Mb / 10P
Transient Voltage Suppressor
2022/01/18_Rev.002
VS33VUA1VWMTF ROHM-VS33VUA1VWMTF Datasheet
1Mb / 10P
Transient Voltage Suppressor
2022/01/18_Rev.002
More results


Similar Description - VS3345

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
High Speed CMOS VSwitch 16-Bit Bus Switches
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
logo
Renesas Technology Corp
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com