Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS32X245 Datasheet (PDF) - Vaishali Semiconductor

VS32X245 Datasheet PDF - Vaishali Semiconductor
Part # VS32X245
Download  VS32X245 Download
File Size   57.75 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch 16-Bit Bus Switches

VS32X245 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS32X245 Datasheet PDF - Vaishali Semiconductor

Part # VS32X245
Download  VS32X245 Click to download

File Size   57.75 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch 16-Bit Bus Switches

VS32X245 Datasheet (HTML) - Vaishali Semiconductor


VS32X245 Product details

General Description
The VS32X245 and VS32X2245 are high-speed TTL-compatible 16-bit bus switches in a flow-through pinout. Each device contains two banks of 8-bit switches with a common active-LOW enable (/OEx) for each bank. The low ON resistance of the VS32X245 allows inputs to be connected to outputs, without adding propagation delay and without generating additional signal noise. The VS32X2245 has 25Ω resistors in series with the switches to reduce ground-bounce noise from the driving source and signal reflection.
   
Features
• Enhanced N-FET with no DC path to VCC
    or GND in normal operating signal voltage
    range.
• Low impedance bidirectional data flow:
    5Ω (VS32X245) and 25Ω (VS32X2245)
• Pin-compatible with QS32X245 and
    QS32X2245 switches.
• Near-zero propagation delay
• Zero added ground bounce or signal noise
• TTL-compatible control signals
• Undershoot clamp diodes on all switch and
    control pins
• ESD rating >2000V (Human Body Model)
    or >200V (Machine Model)
• Latch-up current >100mA
• Available in 150-mil wide 40 pin QSOP
    package
   
Applications
• 5V to 3.3V translation in mixed-supply environment
• Hot-swap interface
• Logic replacement
• Bus isolation
   




Similar Part No. - VS32X245

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
VS3207AT DOINGTER-VS3207AT Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Vaishali Semiconductor
VS32244Q VAISH-VS32244Q Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32244QX VAISH-VS32244QX Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS32245Q VAISH-VS32245Q Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
VS32245QX VAISH-VS32245QX Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
More results


Similar Description - VS32X245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244 Datasheet
184Kb / 10P
16-BIT FET BUS SWITCHES
logo
Vaishali Semiconductor
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
High Speed CMOS VSwitch Dual 4-Bit Bus Switches
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
VS3345 VAISH-VS3345 Datasheet
53Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
List of Unclassifed Man...
QS74FCT2X646T ETC1-QS74FCT2X646T Datasheet
239Kb / 5P
HIGH SPEED CMOS BUS INTERFACE 16-BIT TRANSCEIVER IN QVSOP-TM
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244_07 Datasheet
235Kb / 13P
16-BIT FET BUS SWITCHES
logo
Integrated Device Techn...
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
HIGH-SPEED CMOS 20-BIT BUS SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com