Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS3244 Datasheet (PDF) - Vaishali Semiconductor

VS3244 Datasheet PDF - Vaishali Semiconductor
Part # VS3244
Download  VS3244 Download
File Size   56.45 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch Dual 4-Bit Bus Switches

VS3244 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS3244 Datasheet PDF - Vaishali Semiconductor

Part # VS3244
Download  VS3244 Click to download

File Size   56.45 Kbytes
Page   6 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description High Speed CMOS VSwitch Dual 4-Bit Bus Switches

VS3244 Datasheet (HTML) - Vaishali Semiconductor


VS3244 Product details

General Description
The VS3244 and VS32244 are high-speed TTL–compatible dual 4-bit bus switches. The VS3244 contains two banks of 4-bit switches, with one common active low enable (/G) per bank. The low ON resistance of the VS3244 allows inputs to be connected to outputs, without adding propagation delay and without generating additional signal noise. The VS32244 has 25Ω resistors in series with the switches to reduce ground-bounce noise and signal reflection.
   
Features
• Enhanced N-FET with no DC path to VCC
    or GND in normal operating signal voltage
    range.
• Low impedance bidirectional data flow:
    5Ω (VS3244) and 25Ω (VS32244)
• Pin-compatible with QS3244 and CBT3244
    switches.
• Near-zero propagation delay
• Zero added ground bounce or signal noise
• TTL-compatible control signals
• Undershoot clamp diodes on all switch and
    control pins
• ESD rating >2000V (Human Body Model)
    or >200V (Machine Model)
• Latch-up current >100mA
• Available- Available in 150-mil wide QSOP
    package
   
Applications
• 5V to 3.3V translation in mixed-supply environment
• Hot-swap interface
• Logic replacement
• Bus isolation
   




Similar Part No. - VS3244

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
VS3245Q VAISH-VS3245Q Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
VS3245QX VAISH-VS3245QX Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
More results


Similar Description - VS3244

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
High Speed CMOS VSwitch 16-Bit Bus Switches
VS3345 VAISH-VS3345 Datasheet
53Kb / 6P
High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
HIGH-SPEED CMOS 20-BIT BUS SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com