Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6285FS Datasheet (PDF) - Rohm

BA6285FS Datasheet PDF - Rohm
Part # BA6285FS
Download  BA6285FS Download
File Size   377.37 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reversible motor drivers (1A series)

BA6285FS Datasheet (PDF)

Go To PDF Page Download Datasheet
BA6285FS Datasheet PDF - Rohm

Part # BA6285FS
Download  BA6285FS Click to download

File Size   377.37 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Reversible motor drivers (1A series)

BA6285FS Datasheet (HTML) - Rohm




Similar Part No. - BA6285FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
Reversible motor driver
BA6285FS ROHM-BA6285FS Datasheet
286Kb / 5P
Reversible Motor Driver
BA6285FS ROHM-BA6285FS Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS ROHM-BA6285FS Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
More results


Similar Description - BA6285FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
Reversible motor drivers (up to 2A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
Reversible motor drivers (for two motors series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
Reversible Motor Drivers for Output 0.5A 1 Motor
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com