Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6285FS Datasheet(PDF) 4 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 4 Page - Rohm

  BA6285FS Datasheet HTML 1Page - Rohm BA6285FS Datasheet HTML 2Page - Rohm BA6285FS Datasheet HTML 3Page - Rohm BA6285FS Datasheet HTML 4Page - Rohm BA6285FS Datasheet HTML 5Page - Rohm BA6285FS Datasheet HTML 6Page - Rohm BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical Note
4/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
Fig.1 Supply current 1 (forward)
Fig.2 Supply current 2 (brake)
Fig.3 Supply current 1 (forward)
(BA6956AN)
(BA6956AN)
(BA6287F)
Fig.4 Supply current 2 (brake)
Fig.5 Supply current 1 (forward)
Fig.6 Supply current 2 (brake)
(BA6287F)
(BA6285FS)
(BA6285FS)
Fig.7 Supply current 1 (forward)
Fig.8 Supply current 2 (brake)
Fig.9 Supply current 1 (forward)
(BA6285AFP-Y)
(BA6285AFP-Y)
(BA6920FP-Y)
Fig.10 Supply current 2 (brake)
Fig.11 Output high voltage
Fig.12 Output high voltage
(BA6920FP-Y)
(BA6956AN)
(BA6287F)
20
25
30
35
40
6
9
12
15
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
10
15
20
25
30
4
8
12
16
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
40
50
60
70
80
6
9
12
15
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
40
45
50
55
60
6
9
12
15
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
40
45
50
55
60
4
8
12
16
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
20
25
30
35
40
6
9
12
15
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
15
20
25
30
35
4
8
12
16
20
24
Supply Voltage: Vcc [V]
-40°C
25°C
85°C
20
30
40
50
60
70
4
8
12
16
20
24
Supply Voltage: Vcc [V]
-40°C
25°C
85°C
2
4
6
8
6
1218
24
3036
Supply Voltage: Vcc [V]
-30°C
25°C
85°C
7.0
7.5
8.0
8.5
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
4
6
8
10
12
6
1218243036
Supply Voltage: Vcc [V]
-30°C
25°C
85°C
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com