Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6285FS Datasheet(PDF) 1 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 1 Page - Rohm

  BA6285FS Datasheet HTML 1Page - Rohm BA6285FS Datasheet HTML 2Page - Rohm BA6285FS Datasheet HTML 3Page - Rohm BA6285FS Datasheet HTML 4Page - Rohm BA6285FS Datasheet HTML 5Page - Rohm BA6285FS Datasheet HTML 6Page - Rohm BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
For brush motors
Reversible motor drivers
(1A series)
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
Overview
The reversible motor driver for output 1.0A for 1 motor can set the output modes to four modes, normal, reverse, stop
(idling), and braking in accordance with logic input (2 inputs).
Features
1) Built-in surge absorption diode
2) By built-in power save circuit, current consumption when a motor stops (idles) can be suppressed
3) Output voltage can be optionally set by reference voltage setting pin
4) Built-in thermal shutdown circuit (TSD)
Applications
Audio-visual equipment; PC peripherals; Car audios; Car navigation systems; OA equipments
Absolute maximum ratings (Ta=25°C, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
BA6956AN
BA6287F
BA6285FS
BA6285AFP-Y
BA6920FP-Y
Supply voltage
VCC
18
18
18
30
36
V
Supply voltage
VM
18
18
18
30
36
V
Output current
IOMAX
1*
1
1*
1
1*
1
1*
1
1*
1
A
Operating temperature
TOPR
-20 ~ 75
-20 ~ 75
-20 ~ 75
-40 ~ 85
-30 ~ 85
°C
Storage temperature
TSTG
-55 ~ 150
-55 ~ 150
-55 ~ 150
-55 ~ 150
-55 ~ 150
°C
Power dissipation
Pd
1.19*
2
0.689*
3
0.813*
4
1.45*
5
1.45*
5
W
Junction temperature
Tjmax
150
150
150
150
150
°C
*1 Do not, exceed Pd or ASO.
*2 SIP9 package. Derated at 9.5mW/°C above 25°C.
*3 SOP8 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 5.52mW/°C above 25°C.
*4 SSOP-A16 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 6.5mW/°C above 25°C.
*5 HSOP25 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 11.6mW/°C above 25°C.
Operating conditions (Ta=25°C)
Parameter
Symbol
Ratings
Unit
BA6956AN
BA6287F
BA6285FS
BA6285AFP-Y
BA6920FP-Y
Supply voltage
VCC
6.5 ~ 15
4.5 ~ 15
4.5 ~ 15
4.5 ~ 24
6.5 ~ 34
V
Supply voltage
VM
6.5 ~ 15
4.5 ~ 15
4.5 ~ 15
4.5 ~ 24
6.5 ~ 34
V
VREF voltage
VREF
< VCC, VM
< VCC, VM
< VCC, VM
< VCC, VM
< VCC, VM
V
No.09008EAT02


Similar Part No. - BA6285FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
Reversible motor driver
BA6285FS ROHM-BA6285FS Datasheet
286Kb / 5P
Reversible Motor Driver
BA6285FS ROHM-BA6285FS Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS ROHM-BA6285FS Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6285FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
Reversible motor drivers (up to 2A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
Reversible motor drivers (for two motors series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
Reversible Motor Drivers for Output 0.5A 1 Motor
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com