Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6285FS Datasheet(PDF) 13 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 13 Page - Rohm

Back Button BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm BA6285FS Datasheet HTML 10Page - Rohm BA6285FS Datasheet HTML 11Page - Rohm BA6285FS Datasheet HTML 12Page - Rohm BA6285FS Datasheet HTML 13Page - Rohm BA6285FS Datasheet HTML 14Page - Rohm BA6285FS Datasheet HTML 15Page - Rohm BA6285FS Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Technical Note
13/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
Interfaces
(BA6285FS, BA6285AFP-Y, BA6920FP-Y)
Fig. 38 FIN, RIN
Fig.39 POWER SAVE
(BA6956AN)
(BA6287F, BA6285FS, BA6285AFP-Y)
(BA6920FP-Y)
Fig. 40 VCC, VM, OUT1, OUT2, VREF, RNF, GND
Notes for use
1) Absolute maximum ratings
Devices may be destroyed when supply voltage or operating temperature exceeds the absolute maximum rating.
Because the cause of this damage cannot be identified as, for example, a short circuit or an open circuit, it is important
to consider circuit protection measures – such as adding fuses – if any value in excess of absolute maximum ratings is
to be implemented.
2) Connecting the power supply connector backward
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply lines, such as adding an external direction diode.
3) Power supply lines
Return current generated by the motor’s Back-EMF requires countermeasures, such as providing a return current path
by inserting capacitors across the power supply and GND (10µF, ceramic capacitor is recommended). In this case, it is
important to conclusively confirm that none of the negative effects sometimes seen with electrolytic capacitors –
including a capacitance drop at low temperatures - occurs. Also, the connected power supply must have sufficient
current absorbing capability. Otherwise, the regenerated current will increase voltage on the power supply line, which
may in turn cause problems with the product, including peripheral circuits exceeding the absolute maximum rating. To
help protect against damage or degradation, physical safety measures should be taken, such as providing a voltage
clamping diode across the power supply and GND.
4) Electrical potential at GND
Keep the GND terminal potential to the minimum potential under any operating condition. In addition, check to
determine whether there is any terminal that provides voltage below GND, including the voltage during transient
phenomena. When both a small signal GND and high current GND are present, single-point grounding (at the set’s
reference point) is recommended, in order to separate the small signal and high current GND, and to ensure that
voltage changes due to the wiring resistance and high current do not affect the voltage at the small signal GND. In the
same way, care must be taken to avoid changes in the GND wire pattern in any external connected component.
5) Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) under actual operating
conditions.
6) ASO - Area of Safety Operation
When using the IC, set the output transistor so that it does not exceed absolute maximum ratings or ASO.
FIN
RIN
VM
VCC
OUT1
OUT2
RNF
VREF
VREF
VM
OUT1
OUT2
RNF
(GND, BA6287F)
VM
VCC
OUT1
OUT2
RNF
VREF
POWER
SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com