Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6285FS Datasheet(PDF) 2 Page - Rohm

Part # BA6285FS
Description  Reversible motor drivers (1A series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 2 Page - Rohm

  BA6285FS Datasheet HTML 1Page - Rohm BA6285FS Datasheet HTML 2Page - Rohm BA6285FS Datasheet HTML 3Page - Rohm BA6285FS Datasheet HTML 4Page - Rohm BA6285FS Datasheet HTML 5Page - Rohm BA6285FS Datasheet HTML 6Page - Rohm BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Note
2/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
○
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (BA6956AN, unless otherwise specified, Ta=25°C and VCC=9V, VM=9V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
-
29
44
mA
FWD/REV mode
Supply current 2
ICC2
-
56
80
mA
Brake mode
Supply current 3
ICC3
-
0
15
µA
Standby mode
Input threshold voltage H
VIH
2.0
-
VCC
V
Input threshold voltage L
VIL
0
-
0.8
V
Input bias current
IIH
50
90
131
µA
VIN=2V
Output saturation voltage
VCE
-
1.7
2.3
V
IO=0.2A, vertically total
VREF bias current
IREF
-
10
25
µA
IO=0.2A, VREF=6V
Electrical characteristics (BA6287F, unless otherwise specified, Ta=25°C and VCC=9V, VM=9V, VREF=9V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
12
24
36
mA
FWD/REV mode
Supply current 2
ICC2
29
48
67
mA
Brake mode
Standby current
IST
-
0
15
µA
Standby mode
Input threshold voltage H
VIH
2.0
-
VCC
V
Input threshold voltage L
VIL
0
-
0.8
V
Input bias current
IIH
45
90
135
µA
VIN=2V
Output saturation voltage
VCE
-
1.0
1.5
V
IO=0.2A, vertically total
VREF bias current
IREF
6
12
18
mA
IO=0.2A, FWD or REV mode
Electrical characteristics (BA6285FS, unless otherwise specified, Ta=25°C and VCC=9V, VM=9V, VREF=9V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
12
24
36
mA
FWD/REV mode
Supply current 2
ICC2
29
48
67
mA
Brake mode
Standby current
IST
-
0
15
µA
Standby mode
Input threshold voltage H
VIH
2.0
-
VCC
V
Input threshold voltage L
VIL
0
-
0.8
V
Input bias current
IIH
45
90
135
µA
VIN=2V
Power save on voltage
VPSON
2.0
-
VCC
V
Standby mode
Power save off voltage
VPSOFF
0
-
0.8
V
Operation
Output saturation voltage
VCE
-
1.0
1.5
V
IO=0.2A, vertically total
VREF bias current
IREF
6
12
18
mA
IO=0.2A, FWD or REV mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com