Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6652 Datasheet (PDF) - Silicon Standard Corp.

SS6652 Datasheet PDF - Silicon Standard Corp.
Part # SS6652
Download  SS6652 Download
File Size   104.67 Kbytes
Page   6 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Micro-Power Inverting DC/DC Controller

SS6652 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6652 Datasheet PDF - Silicon Standard Corp.

Part # SS6652
Download  SS6652 Click to download

File Size   104.67 Kbytes
Page   6 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Micro-Power Inverting DC/DC Controller

SS6652 Datasheet (HTML) - Silicon Standard Corp.


SS6652 Product details

DESCRIPTION
The SS6652 is a high-performance inverting DC/DC controller, designed to drive an external power switch to generate programmable negative voltages, and is particularly suited to LCD bias contrast applications. Efficiency of 87% can be achieved with low cost PNP bipolar transistor drivers. Output voltage can be scaled to -40V or greater by two external resistors. A pulse frequency modulation scheme is employed to maintain high-efficiency conversion over a wide input voltage range. Quiescent current is about 80mA and can be reduced to 0.7mA in shutdown mode. With switching frequencies in the 70KHz to 160KHz range, the small size switching components are ideal for battery powered portable equipment, like notebook and palmtop computers.

FEATURES
 • 2.4V to 7V input voltage operation.
 • Adjustable output voltage up to -40V.
 • Low quiescent current at 80mA.
 • Pulse frequency modulation maintains high efficiency (87%).
 • 70KHz to 160KHz switching frequency.
 • Power-saving shutdown mode (0.7mA typical).
 • High efficiency with low cost external P-channel MOSFET or PNP bipolar transistor.

APPLICATIONS
 • Negative LCD Contrast Bias for
    1. Notebook & Palmtop Computers.
    2. Pen-Based Data System.
    3. Portable Data Collection Terminals.
    4. Personal Digital Assistants.
 • Negative Voltage Supply.




Similar Part No. - SS6652

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CNTB SSC-SS6650CNTB Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CNTR SSC-SS6650CNTR Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CSTB SSC-SS6650CSTB Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CSTR SSC-SS6650CSTR Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
More results


Similar Description - SS6652

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Torex Semiconductor
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
2 ch.Step-Down / Inverting DC/DC Controller ICs.
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_12 Datasheet
234Kb / 5P
Inverting DC/DC Controller (SOP)
logo
Linear Technology
LTC3863 LINER-LTC3863_15 Datasheet
493Kb / 38P
60V Low IQ Inverting DC/DC Controller
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_17 Datasheet
204Kb / 5P
Inverting DC/DC Controller (SOP)
logo
Linear Technology
LTC3896 LINER-LTC3896 Datasheet
391Kb / 8P
High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com