Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6652 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6652
Description  Micro-Power Inverting DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6652 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6652 Datasheet HTML 1Page - Silicon Standard Corp. SS6652 Datasheet HTML 2Page - Silicon Standard Corp. SS6652 Datasheet HTML 3Page - Silicon Standard Corp. SS6652 Datasheet HTML 4Page - Silicon Standard Corp. SS6652 Datasheet HTML 5Page - Silicon Standard Corp. SS6652 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SS6652
n TYPICAL PERFORMANCE CHARACTERISTICS
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
VIN (V)
Fig. 1
VREF Source Current vs. VIN
1
2
3
4
5
6
7
8
0
0.5
1
1.5
VIN (V)
Fig. 2
Shutdown Current vs. VIN
TA=0°C
70
90
110
130
50
150
VIN (V)
Fig. 3
Frequency vs. VIN Voltage
2
3
4
5
6
7
TA=25°C
TA=70°
C
2
3
4
5
6
7
80
85
90
95
100
VIN (V)
Fig. 4
Duty Cycle vs. VIN Voltage
TA=0°C
TA=70°C
TA=25°C
n BLOCK DIAGRAM
+
-
+
-
ERROR COMPARATOR
LATCH
CURRENT LIMIT
COMPARATOR
1.22V
REFERENCE
VOLTAGE
PFM
OSCILLATOR
VREF
VIN
SHDN
4
3
2
1
FB
OUTPUT DRIVER
VIN
VIN
70mV
DHI
DLOW
CL
8
7
6
5
GND
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com