Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6652 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6652
Description  Micro-Power Inverting DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6652 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6652 Datasheet HTML 1Page - Silicon Standard Corp. SS6652 Datasheet HTML 2Page - Silicon Standard Corp. SS6652 Datasheet HTML 3Page - Silicon Standard Corp. SS6652 Datasheet HTML 4Page - Silicon Standard Corp. SS6652 Datasheet HTML 5Page - Silicon Standard Corp. SS6652 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SS6652
Micro-Power Inverting DC/DC Controller
n FEATURES
l
2.4V to 7V input voltage operation.
l
Adjustable output voltage up to -40V.
l
Low quiescent current at 80
µA.
l
Pulse frequency modulation maintains high
efficiency (87%).
l
70KHz to 160KHz switching frequency.
l
Power-saving shutdown mode (0.7
µA typical).
l
High efficiency with low cost external P-
channel MOSFET or PNP bipolar transistor.
n APPLICATIONS
l
Negative LCD Contrast Bias for
1. Notebook & Palmtop Computers.
2. Pen-Based Data System.
3. Portable Data Collection Terminals.
4. Personal Digital Assistants.
l
Negative Voltage Supply.
n DESCRIPTION
The SS6652 is a high-performance inverting
DC/DC controller, designed to drive an external
power switch to generate programmable negative
voltages, and is particularly suited to LCD bias
contrast applications. Efficiency of 87% can be
achieved with low cost PNP bipolar transistor
drivers. Output voltage can be scaled to -40V or
greater by two external resistors. A pulse fre-
quency modulation scheme is employed to main-
tain high-efficiency conversion over a wide input
voltage range. Quiescent current is about 80
µA
and can be reduced to 0.7
µA in shutdown mode.
With switching frequencies in the 70KHz to
160KHz range, the small size switching compo-
nents are ideal for battery powered portable
equipment, like notebook and palmtop computers.
n TYPICAL APPLICATION CIRCUIT
D1
1N5819
SS6652
CL
DHI
DLOW
FB
GND
SHDN
VIN
VREF
C3
10nF
C4
0.047
µF
150
µH
*L
Q1
9012
RB
470~1.8K
R1
1M
C2
C1
VIN
2.4V ~ 7V
VOUT
-12V~ -40V
-10mA
100
µF
*
Sumida CD-54 Series
VOUT = -1.22V x R1/R2
100
µF
+
+
R2
100K
RCL
Negative LCD Contrast Bias Power Supply
Rev.2.01 6/26/2003


Similar Part No. - SS6652

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CNTB SSC-SS6650CNTB Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CNTR SSC-SS6650CNTR Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CSTB SSC-SS6650CSTB Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
SS6650CSTR SSC-SS6650CSTR Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
More results

Similar Description - SS6652

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Torex Semiconductor
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
2 ch.Step-Down / Inverting DC/DC Controller ICs.
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
High-Efficiency, Inverting DC/DC Controller
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_12 Datasheet
234Kb / 5P
Inverting DC/DC Controller (SOP)
logo
Linear Technology
LTC3863 LINER-LTC3863_15 Datasheet
493Kb / 38P
60V Low IQ Inverting DC/DC Controller
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_17 Datasheet
204Kb / 5P
Inverting DC/DC Controller (SOP)
logo
Linear Technology
LTC3896 LINER-LTC3896 Datasheet
391Kb / 8P
High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com