Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6652 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6652
Description  Micro-Power Inverting DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6652 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6652 Datasheet HTML 1Page - Silicon Standard Corp. SS6652 Datasheet HTML 2Page - Silicon Standard Corp. SS6652 Datasheet HTML 3Page - Silicon Standard Corp. SS6652 Datasheet HTML 4Page - Silicon Standard Corp. SS6652 Datasheet HTML 5Page - Silicon Standard Corp. SS6652 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SS6652
n APPLICATION CIRCUIT (Refer to TYPICAL APPLICATION CIRCUIT)
0
5
10
15
20
25
30
70
75
80
85
90
Load Current (mA)
Fig. 5
Efficiency vs. Load Current
VOUT = -15V
L =150
µH
VIN=5V
VIN =7V
VIN=3V
2
3
4
5
6
7
8
80
82
84
86
88
90
L=220
µH
L=150
µH
L=100
µH
VIN (V)
Fig. 6
Efficiency vs. VIN
VOUT =-15V
IOUT =-10mA
0
5
10
15
20
25
30
70
75
80
85
90
Load Current (mA)
Fig. 7
Efficiency vs. Load Current
VOUT =-22V
L =120
µH
VIN=3V
VIN=7V
VIN=5V
2
3
4
5
6
7
8
80
82
84
86
88
90
VIN (V)
Fig. 8
Efficiency vs. VIN
L=220
µH
L=150
µH
L=100
µH
VOUT =-22V
IOUT =-10mA
0
5
10
15
20
25
30
70
75
80
85
90
Load Current
(mA)
Fig. 9
Efficiency vs. Load Current
VOUT =-30V
L =100
µH
VIN=3V
VIN=5V
VIN=7V
Fig. 10
Efficiency vs. VIN
2
3
4
5
6
7
8
80
82
84
86
88
90
VIN (V)
L=150
µH
L=120
µH
L=100
µH
VOUT =-30V
IOUT =-10mA
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com