Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SF4 Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08SF4 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08SF4
Download  MC9S08SF4 Download
File Size   571.02 Kbytes
Page   32 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Data

MC9S08SF4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08SF4 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08SF4
Download  MC9S08SF4 Click to download

File Size   571.02 Kbytes
Page   32 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Data

MC9S08SF4 Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08SF4 Product details

Features

• 8-Bit S08 Central Processor Unit (CPU)

– Up to 40 MHz CPU at 2.7 V to 5.5 V across temperature range of –40 °C to 125 °C

– HC08 instruction set with added BGND instruction

– Support for up to 32 interrupt/reset sources

• On-Chip Memory

– 4 KB flash read/program/erase over full operating voltage and temperature

– 128-byte random-access memory (RAM)

– Security circuitry to prevent unauthorized access to RAM and flash contents

• Power-Saving Modes

– Two low power stop modes; reduced power wait mode

– Allows clocks to remain enabled to specific peripherals in stop3 mode

• Clock Source Options

– Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked-loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 1% deviation over 0–70 °C and voltage, 2% deviation over –40–85 °C and voltage, or 3% deviation over –40–125 °C and voltage; supporting bus frequencies up to 20 MHz

• System Protection

– Watchdog computer operating properly (COP) reset with option to run from dedicated 1 kHz internal clock source or bus clock

– Low-voltage detection with reset or interrupt; selectable trip points

– Illegal opcode detection with reset

– Illegal address detection with reset

– Flash block protection

• Development Support

– Single-wire background debug interface

– Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints)

– On-chip in-circuit emulator (ICE) debug module containing two comparators and nine trigger modes




Similar Part No. - MC9S08SF4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SC4 FREESCALE-MC9S08SC4 Datasheet
638Kb / 31P
MC9S08SC4 8-Bit Microcontroller Data Sheet
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
MC9S08SE4 NXP-MC9S08SE4 Datasheet
773Kb / 35P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08SE4CTG FREESCALE-MC9S08SE4CTG Datasheet
200Kb / 2P
MC9S08SE8/4 Do more with less
MC9S08SE4CWL FREESCALE-MC9S08SE4CWL Datasheet
200Kb / 2P
MC9S08SE8/4 Do more with less
More results


Similar Description - MC9S08SF4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
TECHNICAL DATA
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
Technical Data
Sep-2003
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
TECHNICAL DATA
logo
Freescale Semiconductor...
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
Technical Data
MC705C8ACPE FREESCALE-MC705C8ACPE Datasheet
1Mb / 222P
Technical Data
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
Technical Data
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com