Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1076 Datasheet (PDF) - NXP Semiconductors

UJA1076 Datasheet PDF - NXP Semiconductors
Part # UJA1076
Download  UJA1076 Download
File Size   342.6 Kbytes
Page   47 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed CAN core system basis chip

UJA1076 Datasheet (PDF)

Go To PDF Page Download Datasheet
UJA1076 Datasheet PDF - NXP Semiconductors

Part # UJA1076
Download  UJA1076 Click to download

File Size   342.6 Kbytes
Page   47 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed CAN core system basis chip

UJA1076 Datasheet (HTML) - NXP Semiconductors


UJA1076 Product details

General description
The UJA1076 core System Basis Chip (SBC) replaces the basic discrete components commonly found in Electronic Control Units (ECU) with a high-speed Controller Area Network (CAN).
The UJA1076 supports the networking applications used to control power and sensor peripherals by using a high-speed CAN as the main network interface.
The core SBC contains the following integrated devices:

• High-speed CAN transceiver, inter-operable and downward compatible with CAN transceiver TJA1042, and compatible with the ISO 11898-2 and ISO 11898-5 standards
• Advanced independent watchdog (UJA1076/xx/WD versions)
• 250 mA voltage regulator for supplying a microcontroller; extendable with external PNP transistor for increased current capability and dissipation distribution
• Separate voltage regulator for supplying the on-board CAN transceiver
• Serial Peripheral Interface (SPI) (full duplex)
• 2 local wake-up input ports
• Limp-home output port

In addition to the advantages gained from integrating these common ECU functions in a single package, the core SBC offers an intelligent combination of system-specific functions such as:
• Advanced low-power concept
• Safe and controlled system start-up behavior
• Detailed status reporting on system and sub-system levels

Features and benefits
General
■ Contains a full set of CAN ECU functions:
    ◆ CAN transceiver
    ◆ Scalable 3.3 V or 5 V voltage regulator delivering up to 250 mA for a microcontroller and peripheral circuitry; an external PNP transistor can be connected for better heat distribution over the PCB
    ◆ Separate voltage regulator for the CAN transceiver (5 V)
    ◆ Watchdog with Window and Timeout modes and on-chip oscillator
    ◆ Serial Peripheral Interface (SPI) for communicating with the microcontroller
    ◆ ECU power management system
■ Designed for automotive applications:
    ◆ Excellent ElectroMagnetic Compatibility (EMC) performance
    ◆ ±8 kV ElectroStatic Discharge (ESD) protection Human Body Model (HBM) on the CAN bus pins and the wake pins
    ◆ ±6 kV ElectroStatic Discharge (ESD) protection IEC 61000-4-2 on the CAN bus pins and the wake pins
    ◆ ±58 V short-circuit proof CAN bus pins
    ◆ Battery and CAN bus pins are protected against transients in accordance with ISO 7637-3
■ Supports remote flash programming via the CAN bus
■ Small 6.1 mm × 11 mm HTSSOP32 package with low thermal resistance
■ Pb-free; RoHS and dark green compliant
(Continue ...)




Similar Part No. - UJA1076

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3 NXP-UJA1076ATW/3V3 Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/3V3/WD NXP-UJA1076ATW/3V3/WD Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0 NXP-UJA1076ATW/5V0 Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1076ATW/5V0/WD NXP-UJA1076ATW/5V0/WD Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
More results


Similar Description - UJA1076

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
logo
NXP Semiconductors
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1169L NXP-UJA1169L Datasheet
526Kb / 74P
Mini high-speed CAN companion system basis chip
Rev. 1 ??15 February 2016
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com